Electronic Components Datasheet Search
  English  ▼

X  

INA180 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA180
Description  Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA180 Datasheet HTML 9Page - Texas Instruments INA180 Datasheet HTML 10Page - Texas Instruments INA180 Datasheet HTML 11Page - Texas Instruments INA180 Datasheet HTML 12Page - Texas Instruments INA180 Datasheet HTML 13Page - Texas Instruments INA180 Datasheet HTML 14Page - Texas Instruments INA180 Datasheet HTML 15Page - Texas Instruments INA180 Datasheet HTML 16Page - Texas Instruments INA180 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Bus Supply
±0.2 V to +26 V
High-Side Sensing
Low-Side Sensing
LOAD
Common-mode voltage (VCM)
is bus-voltage dependent.
Common-mode voltage (VCM)
is always near ground and is
isolated from bus-voltage spikes.
Direction of Positive
Current Flow
IN+
Direction of Positive
Current Flow
RSENSE
RSENSE
IN±
IN+
IN±
13
INA180
www.ti.com
SBOS741 – APRIL 2017
Product Folder Links: INA180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 High Bandwidth and Slew Rate
The INA180 supports small-signal bandwidths as high as 350 kHz, and large-signal slew rates of 2 V/µs. The
ability to detect rapid changes in the sensed current, as well as the ability to quickly slew the output, make the
INA180 a good choice for applications that require a quick response to input current changes. One application
that requires high bandwidth and slew rate is low-side motor control, where the ability to follow rapid changing
current in the motor allows for more accurate control over a wider operating range. Another application that
requires higher bandwidth and slew rates is system fault detection, where the INA180 is used with an external
comparator and a reference to quickly detect when the sensed current is out of range.
8.3.2 Wide Input Common-Mode Voltage Range
The INA180 supports input common-mode voltages from –0.2 V to +26 V. Because of the internal topology, the
common-mode range is not restricted by the power-supply voltage (VS) as long as VS stays within the operational
range of 2.7 V to 5.5 V. The ability to operate with common-mode voltages greater or less than VS allow the
INA180 to be used in high-side, as well as low-side, current-sensing applications, as shown in Figure 34.
Figure 34. High-Side and Low-Side Sensing Connections
8.3.3 Precise Low-Side Current Sensing
When used in low-side current sensing applications the offset voltage of the INA180 is less than 150 µV. The low
offset performance of the INA180 has several benefits. First, the low offset allows the device to be used in
applications that must measure current over a wide dynamic range. In this case, the low offset will improve the
accuracy when the sensed currents are on the low end of the measurement range. Another advantage of low
offset is the ability to sense lower voltage drop across the sense resistor accurately, thus allowing a lower-value
shunt resistor. Lower-value shunt resistors reduce power loss in the current sense circuit, and help improve the
power efficiency of the end application.
The gain error of the INA180 is specified to be within 1% of the actual value. As the sensed voltage becomes
much larger than the offset voltage, this voltage becomes the dominant source of error in the current sense
measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com