Electronic Components Datasheet Search
  English  ▼

X  

AP3102L Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3102L
Description  GREEN MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3102L Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3102L Datasheet HTML 1Page - Diodes Incorporated AP3102L Datasheet HTML 2Page - Diodes Incorporated AP3102L Datasheet HTML 3Page - Diodes Incorporated AP3102L Datasheet HTML 4Page - Diodes Incorporated AP3102L Datasheet HTML 5Page - Diodes Incorporated AP3102L Datasheet HTML 6Page - Diodes Incorporated AP3102L Datasheet HTML 7Page - Diodes Incorporated AP3102L Datasheet HTML 8Page - Diodes Incorporated AP3102L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP3102/V/L
Document number: DS37419 Rev.2 - 2
1 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP3102/V/L
A Product Line of
Diodes Incorporated
GREEN MODE PWM CONTROLLER
Description
The AP3102/V/L series is a green-mode PWM controller with low
start-up current. At normal operation, the switching frequency is
externally programmable and trimmed to tight range, and the
frequency dithering technique is also equipped to improve the EMI
performance. When the load is very low or zero, the IC enters green
mode and skip mode to minimize switching loss. In skip mode, the
PWM switching frequency is about 20kHz to avoid the audible noise
and reduce the standby loss.
The AP3102/V/L series features a lot of functions such as the
Leading-Edge Blanking (LEB) of the current sensing, internal slope
compensation, line compensation, and several protection functions
including cycle-by-cycle current limit (OCP), over voltage protection
(VCC or line voltage), OTP, OLP and brownout protection.
The AP3102/V/L series provides 3 different versions with optional
protection functions. AP3102 has external trigger latch shutdown only
(VOVP and OLP are auto recoverable). AP3102V supports both
VOVP and external latch shutdown.
AP3102L provides latch
shutdown control for VOVP, OLP and external trigger.
This IC is available in SO-8 package.
Features
Bi-CMOS Process with Excellent Performance
Very Low Start-up Current: 5
μA Typical
Current Mode Control
Non-audible-noise Green Mode Control
Frequency Foldback for High Average Efficiency
Internal Slope Compensation
Programmable Brownout Protection
Programmable Line Compensation
Useful Pin Fault Protection:
SENSE Pin Floating
RI Pin Short to Ground
RI Pin Floating
Smart Latch/Auto-recoverable Protection Option
Comprehensive Protection Feature:
VCC Over Voltage Protection (VOVP)
Line Over Voltage Protection (LOVP)
Over Temperature Protection (OTP)
Over Load Protection (OLP)
Internal Soft Start Function During Start-up
500mA Gate Output Current Capability
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
SO-8
Applications
Switching AC-DC Adapter
LCD Monitor/TV Power
Open Frame Switching Power Supply
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
4
8
7
6
5
GND
FB
BOK
RI
GATE
VCC
SENSE
ADJ


Similar Part No. - AP3102L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102LM-G1 BCDSEMI-AP3102LM-G1 Datasheet
1Mb / 17P
GREEN MODE PWM CONTROLLER
AP3102LMTR-G1 BCDSEMI-AP3102LMTR-G1 Datasheet
1Mb / 17P
GREEN MODE PWM CONTROLLER
AP3102LP-G1 BCDSEMI-AP3102LP-G1 Datasheet
1Mb / 17P
GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3102L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP384XG BCDSEMI-AP384XG Datasheet
161Kb / 13P
GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
Green-Mode PWM Controller
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
Green-Mode PWM Controller
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
Green-Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
GREEN MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
GREEN MODE PWM CONTROLLER
Rev 3
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
GREEN MODE PWM CONTROLLER
Rev 2
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
GREEN MODE PWM CONTROLLER
Rev 2
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
Green-Mode PWM Controller
logo
Diodes Incorporated
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com