Electronic Components Datasheet Search
  English  ▼

X  

AP3102L Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3102L
Description  GREEN MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3102L Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3102L Datasheet HTML 1Page - Diodes Incorporated AP3102L Datasheet HTML 2Page - Diodes Incorporated AP3102L Datasheet HTML 3Page - Diodes Incorporated AP3102L Datasheet HTML 4Page - Diodes Incorporated AP3102L Datasheet HTML 5Page - Diodes Incorporated AP3102L Datasheet HTML 6Page - Diodes Incorporated AP3102L Datasheet HTML 7Page - Diodes Incorporated AP3102L Datasheet HTML 8Page - Diodes Incorporated AP3102L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP3102/V/L
Document number: DS37419 Rev.2 - 2
4 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP3102/V/L
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
30
V
IO
Gate Output Current
500
mA
VFB, VSENSE
Input Voltage to FB,SENSE pin
-0.3 to 7
V
VRI, VADJ
Input Voltage to RI, ADJ pin
-0.3 to 7
V
θ
JA
Thermal Resistance (Junction to Ambient)
186
ºC/W
PD
Power Dissipation and Thermal Characteristic, SENSE at
TA<+25ºC
550
mW
TJ
Operation Junction Temperature
-40 to +150
ºC
TSTG
Storage Temperature Range
+150
ºC
–
ESD (Human Body Model)
2500
V
–
ESD (Machine Model)
250
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
10
25
V
TA
Ambient Operating Temperature Range
-40
+85
ºC
Electrical Characteristics (V
CC =16V, TA=+25°
C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply Voltage (VCC Pin)
ISTART-UP
Start-up Current
VCC=14.8V
–
5
15
A
ICC
Operating Supply Current
VFB=0V, CL=1nF
1.5
2.5
3.5
mA
VFB=3V, CL=1nF
2
3
4
–
UVLO (on)
–
15.2
16.2
17.2
V
–
UVLO (off)
–
7.8
8.8
9.8
V
–
VCC OVP
–
27
28.5
30
V
–
VCC Clamp
ICC=5mA
–
–
34
V
–
De-Latch VCC
–
4.5
6
7.5
V
PWM Section/Oscillator Section
–
Maximum Duty Cycle
–
70
75
80
%
–
Minimum Duty Cycle
–
–
0
–
–
Oscillation Frequency
RRI=26k
60
65
70
kHz
–
Frequency in Skip Mode
RRI=26k
22
–
–
kHz
–
Frequency Temperature Stability
-40
oC to +85oC
–
–
5
%
–
Frequency Voltage Stability
VCC=12V to 30V
–
–
3
%
–
Frequency Dithering
–
–
6
–
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com