Electronic Components Datasheet Search
  English  ▼

X  

LET9060F Datasheet(PDF) 7 Page - STMicroelectronics

Part # LET9060F
Description  RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9060F Datasheet(HTML) 7 Page - STMicroelectronics

  LET9060F Datasheet HTML 1Page - STMicroelectronics LET9060F Datasheet HTML 2Page - STMicroelectronics LET9060F Datasheet HTML 3Page - STMicroelectronics LET9060F Datasheet HTML 4Page - STMicroelectronics LET9060F Datasheet HTML 5Page - STMicroelectronics LET9060F Datasheet HTML 6Page - STMicroelectronics LET9060F Datasheet HTML 7Page - STMicroelectronics LET9060F Datasheet HTML 8Page - STMicroelectronics LET9060F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LET9060F
Package mechanical data
Doc ID 16863 Rev 3
7/9
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 7.
M250 package dimensions
Table 9.
M250 (.230 x .360 2L N/HERM W/FLG) mechanical data
Dim.
mm.
Inch
Min
Typ
Max
Min
Typ
Max
A
5.21
5.71
0.205
0.225
B
2.16
2.92
0.085
0.115
C
5.59
6.09
0.220
0.240
D
8.89
9.40
0.350
0.370
E
9.40
9.91
0.370
0.390
F
0.11
0.15
0.004
0.006
G
0.89
1.14
0.035
0.045
H
1.45
1.70
0.057
0.067
I
2.67
3.94
0.105
0.155



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com