Electronic Components Datasheet Search
  English  ▼

X  

PD84001 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD84001
Description  RF power transistor the LdmoST plastic family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84001 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD84001 Datasheet HTML 4Page - STMicroelectronics PD84001 Datasheet HTML 5Page - STMicroelectronics PD84001 Datasheet HTML 6Page - STMicroelectronics PD84001 Datasheet HTML 7Page - STMicroelectronics PD84001 Datasheet HTML 8Page - STMicroelectronics PD84001 Datasheet HTML 9Page - STMicroelectronics PD84001 Datasheet HTML 10Page - STMicroelectronics PD84001 Datasheet HTML 11Page - STMicroelectronics PD84001 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical performance
PD84001
8/18
Figure 8.
Gain vs output power and
frequency
Figure 9.
Output power vs input power and
frequency
Figure 10.
Efficiency vs output power and
frequency
Figure 11.
Gain and efficiency vs frequency
6
8
10
12
14
16
18
20
18
20
22
24
26
28
30
32
34
Pout (dBm)
840 MHz
870 MHz
900 MHz
18
20
22
24
26
28
30
32
34
0
2
4
6
8
10
12
14
16
18
20
Pin (dBm)
840 MHz
870 MHz
900 MHz
Vdd = 7.5V
Idq = 50m A
10
20
30
40
50
60
70
18
20
22
24
26
28
30
32
34
Pout (dBm)
840 MHz
870 MHz
900 MHz
Vdd = 7.5V
Idq = 50m A
6
8
10
12
14
16
18
810
820
830 840
850
860
870
880
890 900
910
920
Freq (MHz)
20
30
40
50
60
70
80
Gain
Nd
Pin = 17dBm
Vdd = 7.5V
Idq = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com