Electronic Components Datasheet Search
  English  ▼

X  

PD84001 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PD84001
Description  RF power transistor the LdmoST plastic family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84001 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PD84001 Datasheet HTML 6Page - STMicroelectronics PD84001 Datasheet HTML 7Page - STMicroelectronics PD84001 Datasheet HTML 8Page - STMicroelectronics PD84001 Datasheet HTML 9Page - STMicroelectronics PD84001 Datasheet HTML 10Page - STMicroelectronics PD84001 Datasheet HTML 11Page - STMicroelectronics PD84001 Datasheet HTML 12Page - STMicroelectronics PD84001 Datasheet HTML 13Page - STMicroelectronics PD84001 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical performance
PD84001
10/18
Figure 16.
Gain and efficiency vs pin
y
8
10
12
14
16
18
20
22
24
26
-5
0
5
10
15
20
25
30
Pin (dBm)
0
10
20
30
40
50
60
70
80
90
Gain-70mA
Gain-200mA
Gain-50mA
Gain-100mA
Eff-70mA
Eff-200mA
Eff-50mA
Eff-100mA
Freq = 520 MHz
Vdd = 7.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com