Electronic Components Datasheet Search
  English  ▼

X  

SC8164 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # SC8164
Description  2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

SC8164 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  SC8164 Datasheet HTML 1Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 2Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 3Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 4Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 5Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 6Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 7Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 8Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
reliminary Datasheet
SC8164
2.488 Gbit/sec to 2.7Gbit/sec
1:16 SONET/SDH Demux
G52239-0, Rev. 3.3
 VITESSE SEMICONDUCTOR CORPORATION
Page 5
5/17/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
Figure 7: Differential and Single Ended Input and Output Voltage Measurement
Table 1: AC Characteristics
Parameters
Description
Min
Max
Units
Conditions
tpdd
Data valid from falling
edge of CLK16O+
0800
ps.
tpd32
CLK32O transition from
falling edge of CLK16O+
01.0
ns.
tDR, tDF
D[15:0]+/- rise and fall
times
400
ps
20% to 80% into 50 Ohm load.
See Figure 7
tCLKR, tCLKF
CLK16O+/- rise and fall
times
250
ps
20% to 80% into 50 Ohm load.
See Figure 7
CLK16OD
CLK16O+/- duty cycle
distortion
45
55
% of
clock
cycle
High speed clock input at 2.488GHz
tdsu
DI+ setup time with respect
to falling edge of
HSCLKI+
100
ps
tdh
DI+ hold time with respect
to falling edge of
HSCLKI+
75
ps
HSCLKID
HSCLKI+/- duty cycle
distortion
40
60
% of
clock
cycle
Single
Ended
Swing
Differential
Swing
=
α
=
α
a
a
b
b
* Differential swing
(α) is specified as | b - a | ( or | a - b | ), as is the single ended swing.
Differential swing is specified as equal in magnitude to single ended swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com