Electronic Components Datasheet Search
  English  ▼

X  

SC8164 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # SC8164
Description  2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

SC8164 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button SC8164 Datasheet HTML 8Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 9Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 10Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 11Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 12Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 13Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 14Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 15Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8164
2.488 Gbit/sec to 2.7Gbit/sec
1:16 SONET/SDH Demux
Page 12
 VITESSE SEMICONDUCTOR CORPORATION
G52239-0, Rev. 3.3
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
5/17/00
Package Information
NOTES:
128 PQFP Package Drawings
Package #: 101-322-5
Issue #: 2
STANDOFF
LEAD COPLANARITY
MAX.
0.17
.25
A
L
A1
A1
A2
R1
R
θ
θ1
b
e
A
10
° TYP.
10
° TYP.
TOP VIEW
EXPOSED
HEATSINK
EXPOSED
INTRUSION
0.127 MAX.
RAD. 2.92
± .50
(2)
2.54
± .50
PIN 128
PIN 1
E1
E
D1
D
Notes: 1)
Drawing is not to scale
2)
All dimensions in mm
3)
Package represented is
also used for the 64,
80, & 100 PQFP packages.
Pin count drawn does
not reflect the 128 Package.
PIN 38
PIN 64
PIN 102
Key
mm
Tolerance
A2.35
MAX
A1
0.25
MAX
A2
2.00
+.10
D
17.20
±.20
D1
14.00
±.10
E
23.20
±.20
E1
20.00
±.10
L
.88
+.15/-.10
e.50
BASIC
b
.22
±.05
θ
0°-7°
R.30
TYP
R1
.20
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com