Electronic Components Datasheet Search
  English  ▼

X  

SC9148B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC9148B
Description  FOR INFRARED REMOTE CONTROL TRANSMITTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC9148B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC9148B Datasheet HTML 1Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 2Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 3Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 4Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 5Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 6Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 7Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 8Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silan
Semiconductors
SC9148B
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 2.1
2002.09.10.
4
KEY MATRIX
Key No.1~6
Continuous key output with it pressed, and multiple keying is possible.
Key No.7~18
These keys are the single-shot keys and when input is made, signal is output only one time.
3. TRANSMISSION COMMAND
Transmission command is in one word 12-bits configuration. C1~C3 are code bits adaptable to many models,
H,S1 and S2 continous signal and single-shot signal codes ,and D1~D6 are Key input data codes in 6-bits.
C1
C2
C3
H
S1
S2
D1D2D3D4
D5D6
4. DATA CODE
H S1 S2 D1 D2 D3 D4 D5 D6
1
0
0
1
0
0
0
0
0
1
0
0
0
1
0
0
0
0
1
0
0
0
0
1
0
0
0
1
0
0
0
0
0
1
0
0
1
0
0
0
0
0
0
1
0
1
0
0
0
0
0
0
0
1
0
1
0
1
0
0
0
0
0
0
1
0
0
1
0
0
0
0
1
2
3
4
5
6
7
8
9
0
1
0
0
0
1
0
0
0
Continuous
Continuous
Continuous
Continuous
Continuous
Continuous
Single-shot
Single-shot
Single-shot
Output
Form
Key
No.
DATA
H S1 S2 D1 D2 D3 D4 D5 D6
0
1
0
0
0
0
1
0
0
0
1
0
0
0
0
0
1
0
0
1
0
0
0
0
0
0
1
0
0
1
1
0
0
0
0
0
0
0
1
0
1
0
0
0
0
0
0
1
0
0
1
0
0
0
0
0
1
0
0
0
1
0
0
0
0
1
0
0
0
0
1
0
10
11
12
13
14
15
16
17
18
0
0
1
0
0
0
0
0
1
Single-shot
Single-shot
Single-shot
Output
Form
Key
No.
DATA
Single-shot
Single-shot
Single-shot
Single-shot
Single-shot
Single-shot
As the multiple keying is possible , key No .1~6 are capable of output 63 commands through a combination of
D1~D6data.
Key No . 7~18 are the single-shot keys for output 12 commands , and 75 commands can be output through a
combination of continuous key (multiple keying is possible ) and single-shot key .
5. CODE BITS(C1,C2,C3)
Code bit can be made at one terminal with diodes connected through T1 ~ T3 timing terminals .
CODE BIT
C1
C2
C1,C2 IS FOR
SC9150A
C3
C2
C2,C3 IS FOR
SC9149A
10
01
13
12
11
10
9
T1
T2
T3
CODE
(C3)
(C2)
(C1)
11
CODE BIT
“0”,”0” CAN
NOT BE USED



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com