Electronic Components Datasheet Search
  English  ▼

X  

SC9148B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SC9148B
Description  FOR INFRARED REMOTE CONTROL TRANSMITTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC9148B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SC9148B Datasheet HTML 1Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 2Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 3Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 4Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 5Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 6Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 7Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 8Page - List of Unclassifed Manufacturers SC9148B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Silan
Semiconductors
SC9148B
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 2.1
2002.09.10.
7
APPLICATION CIRCUIT
SC9148B
1
3
2
5
4
7
9
8
11
10
13
15
14
17
16
VDD=3V
SW
2SA1015
2SC1815
¡
¡
KEY
MATRIX
K1~K6
T1~T3
­
TLN105
IN4148
18
12
6
GND
XT
K1K2K3K4K5
VDD
Tx OUT CODE
T3
T2
T1
K6
XT
TEST
15
16
13
14
11
12
9
10
2
1
4
3
6
5
8
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com