Electronic Components Datasheet Search
  English  ▼

X  

STB6N52K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB6N52K3
Description  Extremely high dv/dt capability
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6N52K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STB6N52K3 Datasheet HTML 1Page - STMicroelectronics STB6N52K3 Datasheet HTML 2Page - STMicroelectronics STB6N52K3 Datasheet HTML 3Page - STMicroelectronics STB6N52K3 Datasheet HTML 4Page - STMicroelectronics STB6N52K3 Datasheet HTML 5Page - STMicroelectronics STB6N52K3 Datasheet HTML 6Page - STMicroelectronics STB6N52K3 Datasheet HTML 7Page - STMicroelectronics STB6N52K3 Datasheet HTML 8Page - STMicroelectronics STB6N52K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
March 2011
Doc ID 14994 Rev 2
1/22
22
STB6N52K3, STD6N52K3
STF6N52K3, STP6N52K3
N-channel 525 V, 1
Ω, 5 A, D²PAK, DPAK, TO-220FP, TO-220
SuperMESH3™ Power MOSFET
Features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ Gate charge minimized
■ Very low intrinsic capacitance
■ Improved diode reverse recovery
characteristics
■ Zener-protected
Application
Switching applications
Description
These devices are made using the
SuperMESH3™ Power MOSFET technology that
is obtained via improvements applied to
STMicroelectronics’ SuperMESH™ technology
combined with a new optimized vertical structure.
The resulting product has an extremely low on
resistance, superior dynamic performance and
high avalanche capability, making it especially
suitable for the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on)
max
ID
Pw
STB6N52K3
525 V
< 1.2
Ω
5 A
70 W
STD6N52K3
5 A(1)
1.
Limited by package
25 W
STF6N52K3
5 A
70 W
STP6N52K3
1
3
DPAK
TO-220FP
1
2
3
1
2
3
TO-220
1
3
D²PAK
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB6N52K3
6N52K3
D²PAK
Tape and reel
STD6N52K3
DPAK
STF6N52K3
TO-220FP
Tube
STP6N52K3
TO-220
www.st.com


Similar Part No. - STB6N52K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6N60M2 STMICROELECTRONICS-STB6N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
30-May-2016
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
Very low intrinsic capacitance
21-Dec-2011
STB6N65M2 STMICROELECTRONICS-STB6N65M2 Datasheet
898Kb / 23P
Zener-protected
04-Aug-2014
STB6N80K5 STMICROELECTRONICS-STB6N80K5 Datasheet
1Mb / 26P
Zener-protected
27-Mar-2015
STB6NA60 STMICROELECTRONICS-STB6NA60 Datasheet
130Kb / 10P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Oct-1995
More results

Similar Description - STB6N52K3

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2715 SILIKRON-SSF2715 Datasheet
452Kb / 6P
Extremely high dv/dt capability
SSF4N60 SILIKRON-SSF4N60 Datasheet
654Kb / 6P
Extremely high dv/dt capability
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
Extremely high dv/dt capability
SSF8N60 SILIKRON-SSF8N60 Datasheet
440Kb / 6P
Extremely high dv/dt capability
SSF8N65 SILIKRON-SSF8N65 Datasheet
439Kb / 6P
Extremely high dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
Extremely high dv/dt ruggedness
10-Sep-2015
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
Extremely high dv/dt capability
12-Jul-2013
STFI10NK60Z STMICROELECTRONICS-STFI10NK60Z Datasheet
530Kb / 13P
Extremely high dv/dt capability
19-Mar-2012
STW70N60DM2 STMICROELECTRONICS-STW70N60DM2 Datasheet
724Kb / 12P
Extremely high dv/dt ruggedness
09-Dec-2015
STW72N60DM2AG STMICROELECTRONICS-STW72N60DM2AG Datasheet
728Kb / 12P
Extremely high dv/dt ruggedness
09-Dec-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com