Electronic Components Datasheet Search
  English  ▼

X  

STB6N52K3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB6N52K3
Description  Extremely high dv/dt capability
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6N52K3 Datasheet(HTML) 5 Page - STMicroelectronics

  STB6N52K3 Datasheet HTML 1Page - STMicroelectronics STB6N52K3 Datasheet HTML 2Page - STMicroelectronics STB6N52K3 Datasheet HTML 3Page - STMicroelectronics STB6N52K3 Datasheet HTML 4Page - STMicroelectronics STB6N52K3 Datasheet HTML 5Page - STMicroelectronics STB6N52K3 Datasheet HTML 6Page - STMicroelectronics STB6N52K3 Datasheet HTML 7Page - STMicroelectronics STB6N52K3 Datasheet HTML 8Page - STMicroelectronics STB6N52K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
STB6N52K3, STD6N52K3, STF6N52K3, STP6N52K3
Electrical characteristics
Doc ID 14994 Rev 2
5/22
The built-in back-to-back Zener diodes have specifically been designed to enhance not only
the device’s ESD capability, but also to make them safely absorb possible voltage transients
that may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
5
20
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 5 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 5 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 24)
-
206
1.4
14
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 5 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 24)
-
233
1.7
15
ns
µC
A
Table 8.
Gate-source Zener diode
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
BVGSO
Gate-source breakdown
voltage
Igs=± 1 mA (open drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com