Electronic Components Datasheet Search
  English  ▼

X  

STB85NS04Z Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB85NS04Z
Description  Low capacitance and gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB85NS04Z Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB85NS04Z Datasheet HTML 2Page - STMicroelectronics STB85NS04Z Datasheet HTML 3Page - STMicroelectronics STB85NS04Z Datasheet HTML 4Page - STMicroelectronics STB85NS04Z Datasheet HTML 5Page - STMicroelectronics STB85NS04Z Datasheet HTML 6Page - STMicroelectronics STB85NS04Z Datasheet HTML 7Page - STMicroelectronics STB85NS04Z Datasheet HTML 8Page - STMicroelectronics STB85NS04Z Datasheet HTML 9Page - STMicroelectronics STB85NS04Z Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STB85NS04Z - STB85NS04Z-1
6/15
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off-voltage rise time
Fall time
Cross-over time
Vclamp=30V, ID=60A
RG=4.7Ω, VGS=10V
(see Figure 15)
85
145
90
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)
80
320
A
A
VSD
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD=60A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=60A,VDD=100V
di/dt=25A/µs,Tj=150°C
(see Figure 18)
65
0.15
4.5
ns
µC
A
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com