Electronic Components Datasheet Search
  English  ▼

X  

STB85NS04Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB85NS04Z
Description  Low capacitance and gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB85NS04Z Datasheet(HTML) 1 Page - STMicroelectronics

  STB85NS04Z Datasheet HTML 1Page - STMicroelectronics STB85NS04Z Datasheet HTML 2Page - STMicroelectronics STB85NS04Z Datasheet HTML 3Page - STMicroelectronics STB85NS04Z Datasheet HTML 4Page - STMicroelectronics STB85NS04Z Datasheet HTML 5Page - STMicroelectronics STB85NS04Z Datasheet HTML 6Page - STMicroelectronics STB85NS04Z Datasheet HTML 7Page - STMicroelectronics STB85NS04Z Datasheet HTML 8Page - STMicroelectronics STB85NS04Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2006
Rev 1
1/15
15
STB85NS04Z
STB85NS04Z-1
N-channel 11m
Ω - 80A - D2PAK - I2PAK
SAFeFET™ Power MOSFET
General features
■ 100% avalanche tested
■ Low capacitance and gate charge
■ 175°C maximum junction temperature
Description
This fully clamped Power MOSFET is produced
by using the latest advanced Company’s Mesh
Overlay™ process which is based on a novel strip
layout. The inherent benefits of the new
technology coupled with the extra clamping
capabilities make this product particularly suitble
for the harshest operation conditions such as
those encountered inthe automotive environment.
Any other application requiring extra ruggedness
is also recommended.
Applications
■ Switching application
– Automotive
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB85NS04Z
Clamped
< 0.015
Ω 80A(1)
1.
Current limited by wire bonding
STB85NS04Z-1
Clamped
< 0.015
Ω 80A(1)
1
2
3
1
3
I²PAK
D²PAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB85NS04ZT4
B85NS04Z
D²PAK
Tape &reel
STB85NS04Z-1
B85NS04Z-1
I²PAK
Tube
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STB85NS04Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
428Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A D2PAK LOW GATE CHARGE STripFET™ I POWER MOSFET
Nov-2001
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
391Kb / 13P
N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
28-Jul-2006
STB85NF3LL-1 STMICROELECTRONICS-STB85NF3LL-1 Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Mar-2001
logo
Inchange Semiconductor ...
STB85NF3LL-1 ISC-STB85NF3LL-1 Datasheet
282Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB85NS04Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
Low gate charge and input capacitance
23-Jul-2015
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
Low input capacitance and gate charge
31-Oct-2013
STB7ANM60N STMICROELECTRONICS-STB7ANM60N Datasheet
1Mb / 20P
Low input capacitance and gate charge
12-Dec-2013
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
Low input capacitance and gate charge
17-Jan-2013
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
Low gate charge and input capacitance
12-Nov-2015
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
Low input capacitance and gate charge
05-Nov-2012
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
Low input capacitance and gate charge
27-Mar-2009
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
Low input capacitance and gate charge
28-Nov-2013
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
Low input capacitance and gate charge
19-Nov-2014
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
Low gate charge and input capacitance
05-Dec-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com