Electronic Components Datasheet Search
  English  ▼

X  

SF2-DC5V Datasheet(PDF) 7 Page - Nais(Matsushita Electric Works)

Part # SF2-DC5V
Description  POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SF2-DC5V Datasheet(HTML) 7 Page - Nais(Matsushita Electric Works)

  SF2-DC5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) SF2-DC5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) SF2-DC5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) SF2-DC5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) SF2-DC5V Datasheet HTML 5Page - Nais(Matsushita Electric Works) SF2-DC5V Datasheet HTML 6Page - Nais(Matsushita Electric Works) SF2-DC5V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
264
SF
No.1
No.2
No.3
No.4
No.8
No.7
No.6
No.5
Contact No.
No.1 No.2 No.3 No.4
Terminal No. 13–14 5–6 9–10 17–18
No.5 No.6 No.7 No.8
19–20 11–12 7–8 15–16
State of other contacts
12345678
Welded
terminal
No.
1
>0.5
>0.5
≠
>0.5
≠
>0.5
≠
2
>0.5
>0.5
>0.5
>0.5
3
>0.5
>0.5
>0.5
>0.5
4
≠
>0.5
>0.5
≠
>0.5
≠
>0.5
5
>0.5
≠
>0.5
≠
>0.5
>0.5
≠
6
>0.5
>0.5
>0.5
>0.5
7
>0.5
>0.5
>0.5
>0.5
8
≠
>0.5
≠
>0.5
≠
>0.5
>0.5
Note: Contact gaps are shown at the initial state.
If the contacts change state owing to loading/breaking it is necessary to check the actual loading.
>0.5: contact gap
is kept at min. 0.5
mm .020 inch
≠: contact closed
Empty cells: either
closed or open
Contact No.
Contact No.
The table below shows the state of the other contacts when the current through the welded form “a” contact is 0 V and the rated volt-
age is applied through the form “b” contact.
Contact Operation Table
If the No. 2 contact welds.
Each of the four form "a" contacts (Nos. 1, 3, 5,
and 7) maintains a gap of greater than 0.5 mm
.020 inch.
No.1
No.2
No.3
No.4
No.8
No.7
No.6
No.5
Non-energized
No.1
No.2
No.3
No.4
No.8
No.7
No.6
No.5
Energized (when no. 2 contact is welded)
3) 4a4b Type
If the internal contacts (nos. 2, 3, 6, and 7) weld, the armature becomes non-operational and the contact gaps of each of the four form
“a” contacts are maintained at greater than 0.5 mm .020 inch. Reliable isolation is thus ensured.
Internal Contacts Weld
If the external contacts (nos. 1, 4, 5, and 8) weld, gaps of greater than 0.5 mm .020 inch are maintained between adjacent contacts
and the coil returns to an non-energized state.
External Contacts Weld
If external connections are made in series.
Even if one of the contacts welds, because the
other contacts operate independently, the contact
gaps are maintained at greater than 0.5 mm .020
inch.
Energized
Contact gap
min 0.5 mm .020 inch
Weld
Non-energized
If the No. 1 contact welds.
The adjacent No. 2 contact maintains a gap of
greater than 0.5 mm .020 inch. The other con-
tacts, because the coil is not energized, return to
their normal return state; each of form “a” con-
tacts (nos. 3, 5, and 7) maintains a contact gap of
greater than 0.5 mm .020 inch; each of the form
“b” contacts (nos. 4, 6, and 8) return to a closed
state.
No.1
No.2
No.3
No.4
No.8
No.7
No.6
No.5
Energized
No.1
No.2
No.3
No.4
No.8
No.7
No.6
No.5
Non-energized (when no. 1 contact is welded)
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com