Electronic Components Datasheet Search
  English  ▼

X  

SF2-DC5V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # SF2-DC5V
Description  POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SF2-DC5V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  SF2-DC5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) SF2-DC5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) SF2-DC5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) SF2-DC5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) SF2-DC5V Datasheet HTML 5Page - Nais(Matsushita Electric Works) SF2-DC5V Datasheet HTML 6Page - Nais(Matsushita Electric Works) SF2-DC5V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
258
SF
POLARISED, MONOSTABLE
SAFETY RELAY with
(mechanical linked) forced
contacts operation
SF-RELAYS
(SF3 pending) (SF3 pending)
(SF3 pending)
π
FEATURES
• Forced operation contacts (2 Form A
2 Form B, 3 Form A 1 Form B)
N.O. and N.C. side contacts are
connected through a card so that one
interacts with the other in movement. In
case of a contact welding, the other
keeps a min. 0.5mm .020inch contact
gap.
• Independent operation contacts
(4 Form A 4 Form B)
Each pair of contacts is free from the
main armature and is independent from
each other. So if a N.O. pair of contacts
are welded, the other 3 N.O. contacts are
not effected (operate properly) That
enables to plan a circuit to detect welding
or go back to the beginning condition.
• Separated chamber structure
(2 Form A 2 Form B, 3 Form A 1 Form B,
4 Form A 4 Form B)
N.O. and N.C. side contacts are put in
each own space surrounded with a card
and a body-separater. That prevents
short circuit between contacts, which is
caused by their springs welding or
damaged.
• UL/CSA, TÜV, SEV approved
(UL/CSA, SEV of SF3 pending)
25.0
.984
16.5
±0.3
.650
±.012
53.3
±0.3
2.098
±.012
25.0
.984
16.5
±0.3
.650
±.012
53.3
±0.3
2.098
±.012
33
±0.3
1.299
±.012
16.5
±0.3
.650
±.012
53.3
±0.3
2.098
±.012
mm inch
SPECIFICATIONS
ORDERING INFORMATION
Ex. SF
2
DC 12 V
Contact arrangement
Coil voltage
DC 5, 9, 12, 18, 21,
24, 36, 48, 60 V
2: 2 Form A 2 Form B
3: 3 Form A 1 Form B
4: 4 Form A 4 Form B
UL/CSA, TÜV, SEV approved type is standard (SF2, SF4)
TÜV approved type is standard (SF3)
TYPICAL APPLICATIONS
• Signal
• Escalator
• Elevator
• Medical Instruments
• Railway
• Factory Automation
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 More than 105 operations when applying the nominal switching capacity to one
side of contact pairs of each Form A contact and Form B contact
*2 Measurement at same location as " Initial breakdown voltage " section
*3 Detection current: 10mA
*4 Excluding contact bounce time
*5 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*6 Half-wave pulse of sine wave: 6ms
*7 Detection time: 10
µs
*8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61).
Contact
Type
SF2
SF3
SF4
Arrangement
2 Form A
2 Form B
3 Form A
1 Form B
4 Form A
4 Form B
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
30 m
Ω
Contact material
Gold-flashed silver alloy
Rating
(resistive)
Nominal switching
capacity
6 A 250 V AC, 6 A 30 V DC
Max. switching power
1,500 VA, 180 W
Max. switching voltage
30 V DC, 440 V AC
Max. carrying current
6 A DC, AC
Expected
life (min.
operations)
Mechanical (at 180
cpm) (resistive)
107
Electrical (at 20 cpm)
3
×104*1
105
Coil (at 25°C 77°F)
Nominal operating power
500 mW
Characteristics (at 25°C 77°F, 50% Relative humidity)
SF2
SF3
SF4
Max. operating speed
180 cpm (at nominal voltage)
Initial insulation resistance*2
Min. 1,000 M
Ω at 500 V DC
Initial break-
down voltage*3
Between con-
tact sets
2,500 Vrms
Between open
contacts
2,500 Vrms
Between con-
tact and coil
2,500 Vrms
Operate time*4
(at nominal voltage)
Approx. 17 ms
Approx. 18 ms
Release time (without diode)*4
(at nominal voltage)
Approx. 7 ms
Approx. 6 ms
Temperature rise
(at nominal voltage)
Max. 45
°C with nominal coil voltage
and at 6 A switching current
Shock
resistance
Functional*5
Min. 294 m/s2 {30 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration
resistance
Functional*7
117.6 m/s2 {12 G}, 10 to 55 Hz
at double amplitude of 2 mm
Destructive
117.6 m/s2 {12 G}, 10 to 55 Hz
at double amplitude of 2 mm
Conditions for oper-
ation, transport and
storage*8
(Not freezing and
condensing at low
temperature)
Ambient
temp.
–40
°C to +70°C –40°F to +158°F
Humidity
5 to 85% R.H.
Unit weight
37 g 1.31 oz
47 g 1.66 oz


Similar Part No. - SF2-DC5V

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF2 RECTRON-SF2 Datasheet
423Kb / 5P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SF2 RECTRON-SF2 Datasheet
372Kb / 6P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
Honeywell Solid State E...
SF20 HONEYWELL-SF20 Datasheet
445Kb / 2P
STRAP-ON TEMPERATURE SENSORS
logo
Frontier Electronics.
SF20-005 FRONTIER-SF20-005 Datasheet
128Kb / 2P
2A SUPER FAST RECOVERY RECTIFIER
SF20-005-LFR FRONTIER-SF20-005-LFR Datasheet
128Kb / 2P
2A SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF2-DC5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SD2D-DC5V NAIS-SD2D-DC5V Datasheet
244Kb / 5P
POLARISED, MONOSTABLE SAFETY RELAY
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
For DC Operations, Polarised, Monostable or Bistable
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
For DC operations, polarised, monostable or bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
logo
PHOENIX CONTACT
102381 PHOENIX-102381 Datasheet
185Kb / 4P
Universal Safety Relay With Positively Driven Contacts
102862 PHOENIX-102862 Datasheet
329Kb / 7P
Safety Relay as a Contact Extension Block With Off-Delay Contacts
102987 PHOENIX-102987 Datasheet
347Kb / 7P
Safety Relay as a Contact Extension Block With Off-Delay Contacts
logo
First Silicon Co., Ltd
NE555B FS-NE555B Datasheet
710Kb / 5P
Astable or Monostable Operation
logo
Maxim Integrated Produc...
MAX20003EVKIT MAXIM-MAX20003EVKIT Datasheet
349Kb / 8P
Forced-PWM or Skip-Mode Operation
Rev 0; 5/14
logo
WAGO Kontakttechnik Gmb...
788-109 WAGO-788-109 Datasheet
199Kb / 6P
Relay socket; 2 changeover contacts; with manual operation;
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com