Electronic Components Datasheet Search
  English  ▼

X  

STF16N50U Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF16N50U
Description  Gate charge minimized
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF16N50U Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF16N50U Datasheet HTML 2Page - STMicroelectronics STF16N50U Datasheet HTML 3Page - STMicroelectronics STF16N50U Datasheet HTML 4Page - STMicroelectronics STF16N50U Datasheet HTML 5Page - STMicroelectronics STF16N50U Datasheet HTML 6Page - STMicroelectronics STF16N50U Datasheet HTML 7Page - STMicroelectronics STF16N50U Datasheet HTML 8Page - STMicroelectronics STF16N50U Datasheet HTML 9Page - STMicroelectronics STF16N50U Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STF16N50U
6/12
Doc ID 17923 Rev 1
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM07149v1
ID
15
10
5
0
0
10
VDS(V)
20
(A)
5
15
25
20
25
5V
6V
4V
VGS=10V
30
30
AM07150v1
ID
15
10
5
0
0
4
VGS(V)
8
(A)
2
6
10
20
VDS=15V
AM07151v1
BVDSS
-100
0
TJ(°C)
(norm)
-50
50
100
0.80
0.85
0.90
0.95
1.00
1.05
150
1.10
1.15
AM07152v1
RDS(on)
0.47
0.46
0.45
0.44
0
4
ID(A)
(
Ω)
2
6
0.48
0.49
0.50
VGS=10V
8
10
AM07153v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com