Electronic Components Datasheet Search
  English  ▼

X  

STF16N50U Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF16N50U
Description  Gate charge minimized
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF16N50U Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF16N50U Datasheet HTML 3Page - STMicroelectronics STF16N50U Datasheet HTML 4Page - STMicroelectronics STF16N50U Datasheet HTML 5Page - STMicroelectronics STF16N50U Datasheet HTML 6Page - STMicroelectronics STF16N50U Datasheet HTML 7Page - STMicroelectronics STF16N50U Datasheet HTML 8Page - STMicroelectronics STF16N50U Datasheet HTML 9Page - STMicroelectronics STF16N50U Datasheet HTML 10Page - STMicroelectronics STF16N50U Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STF16N50U
Electrical characteristics
Doc ID 17923 Rev 1
7/12
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
VGS
6
4
2
0
0
Qg(nC)
(V)
20
8
10
10
VDD=400V
ID=11A
30
12
350
300
250
0
400
450
VDS
VGS
40
200
150
100
50
AM07154v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM07155v1
VGS(th)
1.0
0.8
0.6
0.4
-100
0
TJ(°C)
(norm)
-50
1.1
100
50
150
0.9
0.7
0.5
AM07156v1
RDS(on)
2.0
1.5
1.0
0.5
-50
0
TJ(°C)
(norm)
50
100
-100
150
2.5
0
AM07157v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com