Electronic Components Datasheet Search
  English  ▼

X  

AP3965 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3965
Description  PRIMARY SIDE POWER SWITCHER FOR FLYBACK/NON-ISOLATED BUCK SMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3965 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3965 Datasheet HTML 2Page - Diodes Incorporated AP3965 Datasheet HTML 3Page - Diodes Incorporated AP3965 Datasheet HTML 4Page - Diodes Incorporated AP3965 Datasheet HTML 5Page - Diodes Incorporated AP3965 Datasheet HTML 6Page - Diodes Incorporated AP3965 Datasheet HTML 7Page - Diodes Incorporated AP3965 Datasheet HTML 8Page - Diodes Incorporated AP3965 Datasheet HTML 9Page - Diodes Incorporated AP3965 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP3965/66/71
Document number: DS36531 Rev. 3 - 2
6 of 13
www.diodes.com
November 2013
© Diodes Incorporated
AP3965/66/71
A Product Line of
Diodes Incorporated
Operation Description
+
C1
+
CO
VO
D1
RFB1
RFB2
RCS
C
FB
CS
GND
AP3965/66/71
Ns
NAUX
Np
IOUT
Vs
VAUX
vIN
LM
CPC
CCPC
Q1
Figure 1 Simplified Flyback Converter Controlled by AP3965/66/71
Constant Primary Peak Current
The primary current Ip(t) is sensed by a current sense resistor RCS as shown in Figure 1.
The current rises up linearly at a rate of:
M
L
)
t
(
vg
dt
)
t
(
dip
=
…………(1)
Ip
0A
See equation 2
Figure 2 Primary Current Waveform
As illustrated in Figure 2, when the current Ip(t) rises up to Ipk, the switch Q1 turns off. The constant peak current is given by:
Rcs
Vcs
Ipk
=
…………(2)
The energy stored in the magnetizing inductance LM each cycle is therefore:
2
M Ipk
L
2
1
Eg
⋅
⋅
=
…………(3)
So the power transferring from input to output is given by:
SW
2
M
f
Ipk
L
2
1
P
⋅
⋅
⋅
=
…………(4)
Where fSW is the switching frequency. When the peak current Ipk is constant, the output power depends on the switching frequency fSW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com