Electronic Components Datasheet Search
  English  ▼

X  

AP3965 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3965
Description  PRIMARY SIDE POWER SWITCHER FOR FLYBACK/NON-ISOLATED BUCK SMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3965 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3965 Datasheet HTML 1Page - Diodes Incorporated AP3965 Datasheet HTML 2Page - Diodes Incorporated AP3965 Datasheet HTML 3Page - Diodes Incorporated AP3965 Datasheet HTML 4Page - Diodes Incorporated AP3965 Datasheet HTML 5Page - Diodes Incorporated AP3965 Datasheet HTML 6Page - Diodes Incorporated AP3965 Datasheet HTML 7Page - Diodes Incorporated AP3965 Datasheet HTML 8Page - Diodes Incorporated AP3965 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP3965/66/71
Document number: DS36531 Rev. 3 - 2
1 of 13
www.diodes.com
November 2013
© Diodes Incorporated
AP3965/66/71
A Product Line of
Diodes Incorporated
CPC
FB
VCC
CS
C
C
GND
1
2
3
4
7
6
5
PRIMARY SIDE POWER SWITCHER FOR FLYBACK/NON-ISOLATED BUCK SMPS
Description
The AP3965/66/71 consists of a primary side regulation controller and
a high voltage transistor, and is specially designed for off-line power
supplies within 12W output power or non-isolated buck applications
within 5W. Typical applications include adapter for ADSL, auxiliary
supplies or open frame types for appliances.
The AP3965/66/71 operates at pulse frequency modulation (PFM),
and provides accurate constant voltage, constant current (CV/CC)
regulation without requiring an opto-coupler and secondary control
circuitry. It has internal cable compensation function for tight constant
voltage regulation.
The AP3965/66/71 solution has fewer component numbers, smaller
size, and lower total cost.
The AP3965 is packaged in SO7. The AP3966/71 is available in
PDIP-7.
Features
•
Primary Side Control for Eliminating Opto-coupler and
Secondary CV/CC Control Circuitry
•
Built-in NPN Transistor with 700VCBO
•
Low Start-up Current: 0.2µA (Typ)
•
Internal Output Cable Voltage Drop Compensation
•
Random Frequency Modulation for Low EMI
•
Short Circuit Protection
•
Low Total Cost Solution
•
Output Power Range (Note 1)
:
AP3965 for 5W Adapter and 3W Buck
AP3966 for 10W Adapter and 4.5W Buck
AP3971 for 12W Adapter and 5W Buck
•
Totally Lead-free & Fully RoHS Compliant (Note 2 & 3)
•
Halogen and Antimony Free. “Green” Device (Note 4)
Pin Assignments
M Package
(SO7)
For AP3965
P7 Package
(PDIP-7)
For AP3966/71
Applications
•
Adapters
•
Set Top Boxes
•
Auxiliary Supplies
•
Appliances
Notes:
1. Typical continuous power in a non-ventilated enclosed adapter measured at +50°C ambient.
2. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
3. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
4. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
4
7
6
5
CPC
FB
VCC
CS
C
C
GND


Similar Part No. - AP3965

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3968 BCDSEMI-AP3968 Datasheet
639Kb / 15P
Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 2
logo
BCD Semiconductor Manuf...
AP3968M-G1 BCDSEMI-AP3968M-G1 Datasheet
639Kb / 15P
Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
AP3968MTR-G1 BCDSEMI-AP3968MTR-G1 Datasheet
639Kb / 15P
Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
logo
Diodes Incorporated
AP3968MTR-G1 DIODES-AP3968MTR-G1 Datasheet
482Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 2
More results

Similar Description - AP3965

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983B DIODES-AP3983B Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 2
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
AP3987CT DIODES-AP3987CT Datasheet
559Kb / 15P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev. 2 - 2 June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com