Electronic Components Datasheet Search
  English  ▼

X  

STFILED625 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFILED625
Description  N-channel 620 V, 1.28 Ω typ., 5.0 A Power MOSFET in I2PAKFP and TO-220 packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFILED625 Datasheet(HTML) 1 Page - STMicroelectronics

  STFILED625 Datasheet HTML 1Page - STMicroelectronics STFILED625 Datasheet HTML 2Page - STMicroelectronics STFILED625 Datasheet HTML 3Page - STMicroelectronics STFILED625 Datasheet HTML 4Page - STMicroelectronics STFILED625 Datasheet HTML 5Page - STMicroelectronics STFILED625 Datasheet HTML 6Page - STMicroelectronics STFILED625 Datasheet HTML 7Page - STMicroelectronics STFILED625 Datasheet HTML 8Page - STMicroelectronics STFILED625 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2013
DocID024425 Rev 1
1/15
15
STFILED625, STPLED625
N-channel 620 V, 1.28
Ω typ., 5.0 A Power MOSFET
in I2PAKFP and TO-220 packages
Datasheet
− preliminary data
Figure 1. Internal schematic diagram
Features
• 100% avalanche tested
• Extremely high dv/dt capability
• Gate charge minimized
• Very low intrinsic capacitance
• Improved diode reverse recovery
characteristics
• Zener-protected
Applications
• LED lighting applications
Description
These Power MOSFETs boast extremely low on-
resistance and very good dv/dt capability,
rendering them suitable for buck-boost and
flyback topologies.
D(2,TAB)
G(1)
S(3)
AM01476v1
1
2
3
TAB
TO-220
I²PAKFP
1 2
3
Order codes
VDS
RDS(on)
max
ID
PTOT
STFILED625
620 V
1.6
Ω
5.0 A
25 W
STPLED625
70 W
Table 1. Device summary
Order codes
Marking
Package
Packaging
STFILED625
LED625
I2PAKFP (TO-281)
Tube
STPLED625
TO-220
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STFILED625

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFILED625H STMICROELECTRONICS-STFILED625H Datasheet
1Mb / 17P
N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
08-Apr-2013
More results

Similar Description - STFILED625

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
14-Nov-2012
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
09-Nov-2012
STF31N65M5 STMICROELECTRONICS-STF31N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
05-Mar-2013
STFILED627 STMICROELECTRONICS-STFILED627 Datasheet
1Mb / 15P
N-channel 620 V, 0.95 Ω typ., 7.0 A Power MOSFET in I²PAKFP and TO-220
28-Aug-2013
STDLED525 STMICROELECTRONICS-STDLED525 Datasheet
1Mb / 22P
N-channel 525 V, 1.2 Ω typ., 5.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
25-Mar-2013
STDLED624 STMICROELECTRONICS-STDLED624 Datasheet
1Mb / 22P
N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
21-Mar-2013
STF34N65M5 STMICROELECTRONICS-STF34N65M5_V01 Datasheet
1Mb / 15P
N-channel 650 V, 0.09 Ω typ., 28 A MDmesh™ V Power MOSFETs in TO-220FP, I2PAKFP, I2PAK packages
14-Jan-2014
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
28-Sep-2016
STFILED625H STMICROELECTRONICS-STFILED625H Datasheet
1Mb / 17P
N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
08-Apr-2013
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
28-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com