Electronic Components Datasheet Search
  English  ▼

X  

STFILED625 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STFILED625
Description  N-channel 620 V, 1.28 Ω typ., 5.0 A Power MOSFET in I2PAKFP and TO-220 packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFILED625 Datasheet(HTML) 3 Page - STMicroelectronics

  STFILED625 Datasheet HTML 1Page - STMicroelectronics STFILED625 Datasheet HTML 2Page - STMicroelectronics STFILED625 Datasheet HTML 3Page - STMicroelectronics STFILED625 Datasheet HTML 4Page - STMicroelectronics STFILED625 Datasheet HTML 5Page - STMicroelectronics STFILED625 Datasheet HTML 6Page - STMicroelectronics STFILED625 Datasheet HTML 7Page - STMicroelectronics STFILED625 Datasheet HTML 8Page - STMicroelectronics STFILED625 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID024425 Rev 1
3/15
STFILED625, STPLED625
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
I2PAKFP
TO-220
VDS
Drain- source voltage
620
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
5.0(1)
1.
Limited only by maximum temperature allowed
5.0
A
ID
Drain current (continuous) at TC = 100 °C
3.5(1)
3.5
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
20.0(1)
20.0
A
PTOT
Total dissipation at TC = 25 °C
70
25
W
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by TJ max)
4.2
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
120
mJ
dv/dt(3)
3.
ISD ≤ ID, peak VDS ≤ V(BR)DSS, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
12
V/ns
di/dt(3)
Diode reverse recovery current slope
400
A/µs
VISO
Insulation withstand voltage (AC)
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
I²PAKFP
TO-220
Rthj-case Thermal resistance junction-case max
5
1.79
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.50
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com