Electronic Components Datasheet Search
  English  ▼

X  

B130 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # B130
Description  TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B130 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button B130 Datasheet HTML 4Page - Diodes Incorporated B130 Datasheet HTML 5Page - Diodes Incorporated B130 Datasheet HTML 6Page - Diodes Incorporated B130 Datasheet HTML 7Page - Diodes Incorporated B130 Datasheet HTML 8Page - Diodes Incorporated B130 Datasheet HTML 9Page - Diodes Incorporated B130 Datasheet HTML 10Page - Diodes Incorporated B130 Datasheet HTML 11Page - Diodes Incorporated B130 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AP65101
Document number: DS38098 Rev. 2 - 3
8 of 14
www.diodes.com
December 2016
© Diodes Incorporated
AP65101
NOT RECOMMENDED FOR NEW DESIGN
Application Information
Theory of Operation
The AP65101 is a 1.5A current mode control, synchronous buck regulator with built in power MOSFETs. Current mode control assures excellent
line and load regulation and a wide loop bandwidth for fast response to load transients. The Figure 1 depicts the functional block diagram of
AP65101.
The operation of one switching cycle can be explained as follows. The rising edge of the 500kHz oscillator clock signal sets the RS Flip-Flop. Its
output turns on HS MOSFET. When the HS MOSFET is on, inductor current starts to increase. The current sense amplifier senses and amplifies
the inductor current. Since the current mode control is subject to sub-harmonic oscillations that start at half the switching frequency, ramp slope
compensation is utilized. This will help to stabilize the power supply. This ramp compensation is summed to the current sense amplifier output
and compared to the error amplifier output by the PWM comparator. When the sum of the current sense amplifier output and the slope
compensation signal exceeds the EA output voltage, the RS Flip-Flop is reset and HS MOSFET is turned off.
When
the HS MOSFET turns off, the synchronous LS MOSFET turns on until the next clock cycle begins. There is a “dead time” between the HS
turn-off and LS turn-
on that prevents the switches from “shooting through” from the input supply to ground.
For one whole cycle, if the sum of the current sense amplifier output and the slope compensation signal does not exceed the EA output, then the
falling edge of the oscillator clock resets the Flip-Flop, and forces the MOSFET to turn off.
The voltage loop is compensated internally.
Enable
The enable (EN) input allows the user to control turning on or off the regulator. The AP65101 has an internal pull-down resistor on the EN pin
and when the EN is not actively pulled up the part turns off.
Quiescent Current
Above the „EN Rising Threshold‟, the internal regulator is turned on and the quiescent current can be measured above this threshold.
Automated No-Load and Light-Load Operation
The AP65101 operates in light load high-efficiency mode during low-load current operation. The advantage of this light-load efficiency mode is
lower power losses at no-load and light-load conditions. The AP65101 automatically detects the peak inductor current and enters the light load
high-efficiency mode when the inductor peak current goes below 500mA. Once the inductor peak current exceeds this level, the AP65101
transitions from light load high-efficiency mode to continuous PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com