Electronic Components Datasheet Search
  English  ▼

X  

B130 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # B130
Description  TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B130 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button B130 Datasheet HTML 6Page - Diodes Incorporated B130 Datasheet HTML 7Page - Diodes Incorporated B130 Datasheet HTML 8Page - Diodes Incorporated B130 Datasheet HTML 9Page - Diodes Incorporated B130 Datasheet HTML 10Page - Diodes Incorporated B130 Datasheet HTML 11Page - Diodes Incorporated B130 Datasheet HTML 12Page - Diodes Incorporated B130 Datasheet HTML 13Page - Diodes Incorporated B130 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP65101
Document number: DS38098 Rev. 2 - 3
11 of 14
www.diodes.com
December 2016
© Diodes Incorporated
AP65101
NOT RECOMMENDED FOR NEW DESIGN
Application Information (Cont.)
PC Board Layout
This is a high-switching frequency converter. Hence attention must be paid to the switching currents interference in the layout. Switching current
from one power device to another can generate voltage transients across the impedances of the interconnecting bond wires and circuit traces.
These interconnecting impedances should be minimized by using wide, short printed circuit traces.
Figure 3
—PC Board Layout
External Bootstrap Diode
It is recommended that an external bootstrap diode be added when the input voltage is no greater than 5V or the 5V rail is available in the
system. This helps to improve the efficiency of the regulator. This solution is also applicable for D > 65%. The bootstrap diode can be a low cost
one such as BAT54 or a Schottky that has a low VF.
AP65101
BST
SW
10nF
BOOST
DIODE
5V
Figure 4
—External Bootstrap Compensation Components
Recommended Diodes:
Part Number
Voltage/Current
Rating
Vendor
B130
30V, 1A
Diodes Incorporated
SK13
30V, 1A
Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com