Electronic Components Datasheet Search
  English  ▼

X  

STFILED627 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFILED627
Description  N-channel 620 V, 0.95 Ω typ., 7.0 A Power MOSFET in I²PAKFP and TO-220
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFILED627 Datasheet(HTML) 1 Page - STMicroelectronics

  STFILED627 Datasheet HTML 1Page - STMicroelectronics STFILED627 Datasheet HTML 2Page - STMicroelectronics STFILED627 Datasheet HTML 3Page - STMicroelectronics STFILED627 Datasheet HTML 4Page - STMicroelectronics STFILED627 Datasheet HTML 5Page - STMicroelectronics STFILED627 Datasheet HTML 6Page - STMicroelectronics STFILED627 Datasheet HTML 7Page - STMicroelectronics STFILED627 Datasheet HTML 8Page - STMicroelectronics STFILED627 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
August 2013
DocID025170 Rev 1
1/15
15
STFILED627,
STPLED627
N-channel 620 V, 0.95
Ω typ., 7.0 A Power MOSFET in
I²PAKFP and TO-220
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• 100% avalanche tested
• Extremely high dv/dt capability
• Gate charge minimized
• Very low intrinsic capacitance
• Improved diode reverse recovery
characteristics
• Zener-protected
Applications
• LED lighting applications
Description
These Power MOSFETs boast extremely low on-
resistance and very good dv/dt capability,
rendering them suitable for buck-boost and
flyback topologies.
D(2,TAB)
G(1)
S(3)
AM01476v1
TO-220
I²PAKFP
1
2
3
TAB
1
2
3
Order codes
VDSS RDS(on) max.
ID
PTOT
STFILED627
620 V
< 1.2
Ω
7.0 A
30 W
STPLED627
Table 1. Device summary
Order codes
Marking
Package
Packaging
STFILED627
LED627
I²PAKFP
Tube
STPLED627
TO-220
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STFILED627

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFILED624 STMICROELECTRONICS-STFILED624 Datasheet
1Mb / 22P
N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
21-Mar-2013
STFILED625 STMICROELECTRONICS-STFILED625 Datasheet
1Mb / 15P
N-channel 620 V, 1.28 Ω typ., 5.0 A Power MOSFET in I2PAKFP and TO-220 packages
25-Mar-2013
STFILED625H STMICROELECTRONICS-STFILED625H Datasheet
1Mb / 17P
N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
08-Apr-2013
More results

Similar Description - STFILED627

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
STP6N62K3 STATEK-STP6N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
logo
STMicroelectronics
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 0.95 Ω typ., 5.5 A SuperMESH3™ Power MOSFET in TO-220FP, I²PAKFP, I²PAK, TO-220, IPAK packages
03-Aug-2012
STBLED627 STMICROELECTRONICS-STBLED627 Datasheet
1Mb / 18P
N-channel 620 V, 0.95 Ω, 7.0 A Power MOSFET in D2PAK and in DPAK
August 2013 Rev 1
STFILED625 STMICROELECTRONICS-STFILED625 Datasheet
1Mb / 15P
N-channel 620 V, 1.28 Ω typ., 5.0 A Power MOSFET in I2PAKFP and TO-220 packages
25-Mar-2013
STDLED624 STMICROELECTRONICS-STDLED624 Datasheet
1Mb / 22P
N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
21-Mar-2013
STF14N80K5 STMICROELECTRONICS-STF14N80K5 Datasheet
766Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in TO-220FP and I²PAKFP packages
02-Dec-2015
STF20N65M5 STMICROELECTRONICS-STF20N65M5_V01 Datasheet
1Mb / 18P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
22-Mar-2017
STFI11N60M2-EP STMICROELECTRONICS-STFI11N60M2-EP Datasheet
303Kb / 13P
N-channel 600 V, 0.550 Ω typ., 7.5 A MDmesh™ M2 EP Power MOSFET in an I²PAKFP package
14-May-2018
STFILED625H STMICROELECTRONICS-STFILED625H Datasheet
1Mb / 17P
N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
08-Apr-2013
STP8N120K5 STMICROELECTRONICS-STP8N120K5 Datasheet
278Kb / 13P
N-channel 1200 V, 1.65 Ω typ., 6 A, MDmesh K5 Power MOSFET in a TO-220 package
30-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com