Electronic Components Datasheet Search
  English  ▼

X  

STFILED627 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STFILED627
Description  N-channel 620 V, 0.95 Ω typ., 7.0 A Power MOSFET in I²PAKFP and TO-220
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFILED627 Datasheet(HTML) 5 Page - STMicroelectronics

  STFILED627 Datasheet HTML 1Page - STMicroelectronics STFILED627 Datasheet HTML 2Page - STMicroelectronics STFILED627 Datasheet HTML 3Page - STMicroelectronics STFILED627 Datasheet HTML 4Page - STMicroelectronics STFILED627 Datasheet HTML 5Page - STMicroelectronics STFILED627 Datasheet HTML 6Page - STMicroelectronics STFILED627 Datasheet HTML 7Page - STMicroelectronics STFILED627 Datasheet HTML 8Page - STMicroelectronics STFILED627 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID025170 Rev 1
5/15
STFILED627, STPLED627
Electrical characteristics
The built-in back-to-back Zener diodes have specifically been designed to enhance not only
the device’s ESD capability, but also to make them safely absorb possible voltage transients
that may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
Turn-on delay time
VDD = 310 V, ID = 2.75 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 17)
-22
-
ns
tr
Rise time
-
12
-
ns
td(off)
Turn-off-delay time
-
49
-
ns
tf
Fall time
-
20
-
ns
Table 7. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
Source-drain current
-
5.5
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
27
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%.
Forward on voltage
ISD = 5.5 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 5.5 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 22)
-290
ns
Qrr
Reverse recovery charge
1.9
µC
IRRM
Reverse recovery current
13.5
A
trr
Reverse recovery time
ISD = 5.5 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 22)
-335
ns
Qrr
Reverse recovery charge
2.4
µC
IRRM
Reverse recovery current
14.5
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)GSO
Gate-source breakdown
voltage (ID = 0)
Igs = ± 1 mA
30
-
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com