Electronic Components Datasheet Search
  English  ▼

X  

STGIPL30C60-H Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGIPL30C60-H
Description  3-phase inverters for motor drives
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL30C60-H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGIPL30C60-H Datasheet HTML 6Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 7Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 8Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 9Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 10Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 11Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 12Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 13Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Electrical characteristics
STGIPL30C60-H
10/24
DocID024585 Rev 4
3.1
Control part
Table 8. Low voltage power supply (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
cc_hys
V
cc
UV hysteresis
1.2
1.5
1.8
V
V
cc_thON
V
cc
UV turn ON threshold
11.5
12
12.5
V
V
cc_thOFF
V
cc
UV turn OFF threshold
10
10.5
11
V
I
qccu
Undervoltage quiescent
supply current
V
CC
= 10 V
SD/OD = 5 V; LIN = 0
HIN = 0, CIN = 0
450
μA
I
qcc
Quiescent current
V
CC
= 15 V
SD/OD = 5 V; LIN = 0
HIN = 0, CIN = 0
3.5
mA
V
ref
Internal comparator (CIN)
reference voltage
0.5
0.54
0.58
V
Table 9. Bootstrapped voltage (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
BS_hys
V
BS
UV hysteresis
1.2
1.5
1.8
V
V
BS_thON
V
BS
UV turn ON threshold
11.1
11.5
12.1
V
V
BS_thOFF
V
BS
UV turn OFF threshold
9.8
10
10.6
V
I
QBSU
Undervoltage V
BS
quiescent
current
V
BS
< 9 V
SD/OD = 5 V; LIN = 0 and
HIN = 5 V; CIN = 0
70
110
μA
I
QBS
V
BS
quiescent current
V
BS
= 15 V
SD/OD = 5 V; LIN = 0 and
HIN = 5 V; CIN = 0
200
300
μA
R
DS(on)
Bootstrap driver on resistance
LVG ON
120
Ω
Table 10. Logic inputs (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
il
Low logic level voltage
0.8
1.1
V
V
ih
High logic level voltage
1.9
2.25
V
I
HINh
HIN logic “1” input bias current
HIN = 15 V
20
40
100
μA
I
HINl
HIN logic “0” input bias current
HIN = 0 V
1
μA
I
LINh
LIN logic “1” input bias current
LIN = 15 V
20
40
100
μA
I
LINI
LIN logic “0” input bias current
LIN = 0 V
1
μA
I
SDh
SD logic “0” input bias current
SD = 15 V
30
120
300
μA
I
SDl
SD logic “1” input bias current
SD = 0 V
3
μA
Dt
Dead time
see
Figure 7
1.2
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com