Electronic Components Datasheet Search
  English  ▼

X  

STGIPL30C60-H Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGIPL30C60-H
Description  3-phase inverters for motor drives
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL30C60-H Datasheet(HTML) 4 Page - STMicroelectronics

  STGIPL30C60-H Datasheet HTML 1Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 2Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 3Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 4Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 5Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 6Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 7Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 8Page - STMicroelectronics STGIPL30C60-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Internal block diagram and pin configuration
STGIPL30C60-H
4/24
DocID024585 Rev 4
Table 2. Pin description
Pin
Symbol
Description
1OUT
U
High side reference output for U phase
2V
boot U
Bootstrap voltage for U phase
3LIN
U
Low side logic input for U phase
4HIN
U
High side logic input for U phase
5OP-
U
Op amp inverting input for U phase
6OP
OUT U
Op amp output for U phase
7OP+
U
Op amp non inverting input for U phase
8CIN
U
Comparator input for U phase
9OUT
V
High side reference output for V phase
10
V
boot V
Bootstrap voltage for V phase
11
LIN
V
Low side logic input for V phase
12
HIN
V
High side logic input for V phase
13
OP-
V
Op amp inverting input for V phase
14
OP
OUT V
Op amp output for V phase
15
OP+
V
Op amp non inverting input for V phase
16
CIN
V
Comparator input for V phase
17
OUT
W
High side reference output for W phase
18
V
boot W
Bootstrap voltage for W phase
19
LIN
W
Low side logic input for W phase
20
HIN
W
High side logic input for W phase
21
OP-
W
Op amp inverting input for W phase
22
OP
OUT W
Op amp output for W phase
23
OP+
W
Op amp non inverting input for W phase
24
CIN
W
Comparator input for W phase
25
V
CC
Low voltage power supply
26
SD / OD
Shut down logic input (active low) / open drain (comparator output)
27
GND
Ground
28
T
2
NTC thermistor terminal 2
29
T
1
NTC thermistor terminal 1
30
N
W
Negative DC input for W phase
31
W
W phase output
32
P
Positive DC input
33
N
V
Negative DC input for V phase
34
V
V phase output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com