Electronic Components Datasheet Search
  English  ▼

X  

PC87312VF Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87312VF
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87312VF Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button PC87312VF Datasheet HTML 46Page - National Semiconductor (TI) PC87312VF Datasheet HTML 47Page - National Semiconductor (TI) PC87312VF Datasheet HTML 48Page - National Semiconductor (TI) PC87312VF Datasheet HTML 49Page - National Semiconductor (TI) PC87312VF Datasheet HTML 50Page - National Semiconductor (TI) PC87312VF Datasheet HTML 51Page - National Semiconductor (TI) PC87312VF Datasheet HTML 52Page - National Semiconductor (TI) PC87312VF Datasheet HTML 53Page - National Semiconductor (TI) PC87312VF Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
60 Serial Ports (Continued)
TABLE 6-3 PC87311A UART Reset Configuration
Register
l Signal
Reset Control
Reset State
Interrupt Enable Register
Master Reset
0000
0000 (Note 1)
Interrupt Identification Register
Master Reset
0000 0
001
Line Control Register
Master Reset
0000 0000
MODEM Control Register
Master Reset
000
0 0000
Line Status Register
Master Reset
0
110 0000
MODEM Status Register
Master Reset
XXXX
0000 (Note 2)
SOUT
Master Reset
High
INTR (RCVR Errs)
Read LSR
l MR
LowTRI-STATE
INTR (RCVR Data Ready)
Read RBR
l MR
LowTRI-STATE
INTR (THRE)
Read IIR
l Write THR l MR
LowTRI-STATE
INTR (Modem Status Changes)
Read MSR
l MR
LowTRI-STATE
Interrupt Enable Bit
Master Reset
Low
RTS
Master Reset
High
DTR
Master Reset
High
Note 1
Boldface bits are permanently low
Note 2
Bits 7–4 are driven by the input signals
Bit 4
This bit is the Even Parity Select bit When parity is
enabled and bit 4 is a logic 0 an odd number of
logic 1s is transmitted or checked in the data word
bits and Parity bit When parity is enabled and bit 4
is a logic 1 an even number of logic 1s is transmit-
ted or checked
Bit 5
This bit is the Stick Parity bit When parity is en-
abled it is used in conjunction with bit 4 to select
Mark or Space Parity When LCR bits 3 4 and 5
are logic 1 the Parity bit is transmitted and
checked as a logic 0 (Space Parity) If bits 3 and 5
are 1 and bit 4 is a logic 0 then the Parity bit is
transmitted and checked as a logic 1 (Mark Pari-
ty) If bit 5 is a logic 0 Stick Parity is disabled
Bit 6
This bit is the Break Control bit It causes a break
condition to be transmitted to the receiving UART
When it is set to a logic 1 the serial output (SOUT)
is forced to the Spacing state (logic 0) The break
is disabled by setting bit 6 to a logic 0 The Break
Control bit acts only on SOUT and has no effect
on the transmitter logic
Note
This feature enables the CPU to alert a terminal If the
following sequence is used no erroneous characters will
be transmitted because of the break
1 Wait for the transmitter to be idle (TEMT e 1)
2 Set break for the appropriate amount of time If
the transmitter will be used to time the break
duration then check that TEMT e 1 before
clearing the Break Control bit
3 Clear break when normal transmission has to
be restored
During the break the Transmitter can be used as
a character timer to accurately establish the break
duration by sending characters and monitoring
THRE and TEMT
Bit 7
This bit is the Divisor Latch Access Bit (DLAB) It
must be set high (logic 1) to access the Divisor
Latches of the Baud rate Generator during a Read
or Write operation or to have the BOUT signal ap-
pear on the BOUT pin It must be set low (logic 0)
to access any other register
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com