Electronic Components Datasheet Search
  English  ▼

X  

PC87312VF Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87312VF
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87312VF Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button PC87312VF Datasheet HTML 55Page - National Semiconductor (TI) PC87312VF Datasheet HTML 56Page - National Semiconductor (TI) PC87312VF Datasheet HTML 57Page - National Semiconductor (TI) PC87312VF Datasheet HTML 58Page - National Semiconductor (TI) PC87312VF Datasheet HTML 59Page - National Semiconductor (TI) PC87312VF Datasheet HTML 60Page - National Semiconductor (TI) PC87312VF Datasheet HTML 61Page - National Semiconductor (TI) PC87312VF Datasheet HTML 62Page - National Semiconductor (TI) PC87312VF Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
60 Serial Ports (Continued)
639 MODEM Status Register (MSR)
This register provides the current state of the control lines
from the MODEM (or peripheral device) to the CPU In addi-
tion to this current-state information
four bits of the
MODEM Status Register provide change information These
bits are set to a logic 1 whenever a control input from the
MODEM changes state They are reset to logic 0 whenever
the CPU reads the MODEM Status Register Table 6-7
shows the contents of the MSR Details on each bit follow
Bit 0
This bit is the Delta Clear to Send (DCTS) indicator
Bit 0 indicates that the CTS input to the chip has
changed state since the last time it was read by the
CPU
Bit 1
This bit is the Delta Data Set Ready (DDSR) indica-
tor Bit 1 indicates that the DSR input to the chip has
changed state since the last time it was read by the
CPU
Bit 2
This bit is the Trailing Edge of Ring Indicator (TERI)
detector Bit 2 indicates that the RI input to the chip
has changed from a low to a high state
Bit 3
This bit is the Delta Data Carrier Detect (DDCD) indi-
cator Bit 3 indicates that the DCD input to the chip
has changed state
Note
Whenever bit 0 1 2 or 3 is set to logic 1 a MODEM Status
Interrupt is generated
Bit 4
This bit is the complement of the Clear to Send (CTS)
input If bit 4 (loopback) of the MCR is set to a 1 this
bit is equivalent to RTS in the MCR
Bit 5
This bit is the complement of the Data Set Ready
(DSR) input If bit 4 of the MCR is set to a 1 this bit is
equivalent to DTR in the MCR
Bit 6
This bit is the complement of the Ring Indicator (RI)
input If bit 4 of the MCR is set to a 1 this bit is
equivalent to OUT1 in the MCR
Bit 7
This bit is the complement of the Data Carrier Detect
(DCD) input If bit 4 of the MCR is set to a 1 this bit is
equivalent to IRQ ENABLE in the MCR
6310 Scratchpad Register (SCR)
This 8-bit ReadWrite Register does not control the UART
in any way It is intended as a scratchpad register to be used
by the programmer to hold data temporarily
70 Parallel Port
71 INTRODUCTION
This parallel interface is designed to provide all of the sig-
nals and registers needed to communicate through a stan-
dard parallel printer port as found in the IBM PC XT AT
PS2 and Centronics systems The address decoding of the
registers utilizing A0 and A1 is shown in Table 7-1 Table 7-3
shows the Reset states of Parallel port registers and pin
signals All bits in these registers are located in the same
positions and have the same functions as the registers of
the systems listed above These registers are shown in Sec-
tions 7-2 – 7-4
TABLE 7-1 Parallel Interface Register Addresses
A1
A0
Address
Register
Access
0
0
0
Data
ReadWrite
0
1
1
Status
Read
1
0
2
Control
ReadWrite
1
1
3
TRI-STATE
A special back voltage protection circuit is implemented
against damage that might be caused when the printer is
powered but the PC87311A or PC87312 device is not
There are two modes of operation (see Table 7-2) Compati-
ble (PTR7 e 0) and Extended (PTR7 e 1) The Compatible
mode is the same as the basic operating mode for the
PC-AT and the Extended mode is identical to the PS2 Ex-
tended mode There are 3 features which distinguish Ex-
tended mode from Compatible Mode
1 Port direction is controlled by the CTR5 bit
2 The interrupt is latched on the rising edge of ACK rather
than following ACK continuously
3 The STR2 bit monitors the interrupt status
In Compatible mode the direction of data flow is controlled
at reset time by the PDIR pin (PDIR e 0 e output direction
and PDIR e 1 e input direction) A write operation in this
mode causes the data to be presented on pins PD0 – 7 The
read operation causes the Data Register to present the last
data written to it by the CPU
TABLE 7-2 Data Register Read and Write Modes
PTR7
PDIR
CTR5
RD
WR
Result
0
0
X
1
0
Data Written to
PD0 – PD7
0
1
X
1
0
Data Written is
Latched
0
0
X
0
1
Data Read from
the Output Latch
0
1
X
0
1
Data Read from
PD0 – PD7
1
X
0
1
0
Data Written to
PD0 – PD7
1
X
1
1
0
Data Written is
Latched
1
X
0
0
1
Data Read from
the Output Latch
1
X
1
0
1
Data Read from
PD0 – PD7
In the Extended Mode a write operation to the Data Regis-
ter causes the data to be latched If the Data Port Direction
bit (CTR5) is 0 the latched data is presented to the pins if it
is 1 the data is only latched When Data Port Direction bit
(CTR5) is 0 a read operation from the Data Register allows
the CPU to read the last data it wrote to the port In the
Extended Mode with the Data Port Direction bit set to 1
(read) a read from this register causes the port to present
the data on pins PD0 – PD7
TABLE 7-3 Parallel Port Mode of Operation
Port Function
PTR7
POE
Compatible
0
1
Extended
1
0
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com