Electronic Components Datasheet Search
  English  ▼

X  

STL8N6F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL8N6F7
Description  High avalanche ruggedness
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8N6F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL8N6F7 Datasheet HTML 1Page - STMicroelectronics STL8N6F7 Datasheet HTML 2Page - STMicroelectronics STL8N6F7 Datasheet HTML 3Page - STMicroelectronics STL8N6F7 Datasheet HTML 4Page - STMicroelectronics STL8N6F7 Datasheet HTML 5Page - STMicroelectronics STL8N6F7 Datasheet HTML 6Page - STMicroelectronics STL8N6F7 Datasheet HTML 7Page - STMicroelectronics STL8N6F7 Datasheet HTML 8Page - STMicroelectronics STL8N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2015
DocID028258 Rev 1
1/12
This is preliminary information on a new product now in development
or undergoing evaluation. Details are subject to change without notice.
www.st.com
STL8N6F7
N-channel 60 V, 0.021 Ω typ., 8 A STripFET™ F7
Power MOSFET in a PowerFLAT™ 3.3x3.3 package
Datasheet - preliminary data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max
ID
STL8N6F7
60 V
0.025 Ω
8 A
Among the lowest RDS(on) on the market
Excellent figure of merit (FoM)
Low Crss/Ciss ratio for EMI immunity
High avalanche ruggedness
Applications
Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
Table 1: Device summary
Order code
Marking
Package
Packing
STL8N6F7
8N6F7
PowerFLAT™ 3.3x3.3
Tape and reel
1
2
3
4
PowerFLA
T™ 3.3x3.3
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
8
1
2
3
4
7
6
5
AM15810v1


Similar Part No. - STL8N6F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8N65M2 STMICROELECTRONICS-STL8N65M2 Datasheet
848Kb / 15P
N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
30-May-2019
STL8N65M5 STMICROELECTRONICS-STL8N65M5 Datasheet
1Mb / 13P
N-channel 650 V, 0.56, 7 A MDmesh V Power MOSFET in PowerFLAT 5x5
08-Aug-2011
STL8N6LF3 STMICROELECTRONICS-STL8N6LF3 Datasheet
976Kb / 15P
Automotive-grade N-channel 60 V, 22.5 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 package
11-May-2017
STL8N6LF6AG STMICROELECTRONICS-STL8N6LF6AG Datasheet
983Kb / 14P
High avalanche ruggedness
07-Jan-2016
More results

Similar Description - STL8N6F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
High avalanche ruggedness
03-Jul-2015
STD20P3H6AG STMICROELECTRONICS-STD20P3H6AG Datasheet
728Kb / 15P
High avalanche ruggedness
18-Sep-2015
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
High avalanche ruggedness
22-Sep-2014
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
High avalanche ruggedness
10-Mar-2015
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
High avalanche ruggedness
20-Feb-2015
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
High avalanche ruggedness
February 2015 Rev 3
STP220N6F7 STMICROELECTRONICS-STP220N6F7 Datasheet
561Kb / 13P
High avalanche ruggedness
07-Oct-2015
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
High avalanche ruggedness
09-Dec-2014
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
High avalanche ruggedness
08-Jan-2014
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
High avalanche ruggedness
July 2009 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com