Electronic Components Datasheet Search
  English  ▼

X  

STL8N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL8N10F7
Description  High avalanche ruggedness
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL8N10F7 Datasheet HTML 1Page - STMicroelectronics STL8N10F7 Datasheet HTML 2Page - STMicroelectronics STL8N10F7 Datasheet HTML 3Page - STMicroelectronics STL8N10F7 Datasheet HTML 4Page - STMicroelectronics STL8N10F7 Datasheet HTML 5Page - STMicroelectronics STL8N10F7 Datasheet HTML 6Page - STMicroelectronics STL8N10F7 Datasheet HTML 7Page - STMicroelectronics STL8N10F7 Datasheet HTML 8Page - STMicroelectronics STL8N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2014
DocID025076 Rev 2
1/14
STL8N10F7
N-channel 100 V, 0.017
Ω typ., 35 A, STripFET™ F7
Power MOSFET in a PowerFLAT™ 3.3 x 3.3 package
Datasheet
- preliminary data
Figure 1. Internal schematic diagram
Features
• Among the lowest RDS(on) on the market
• Excellent figure of merit (FoM)
• Low Crss/Ciss ratio for EMI immunity
• High avalanche ruggedness
Applications
• Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
PowerFLAT™ 3.3 x 3.3
1
2
3
4
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
8
12
3
4
7
6
5
AM15810v1
Order code
VDS
RDS(on) max
ID
PTOT
STL8N10F7
100 V
0.02
Ω
35 A
50 W
Table 1. Device summary
Order code
Marking
Package
Packaging
STL8N10F7
8N10F
PowerFLAT™ 3.3 x 3.3
Tape and reel
www.st.com


Similar Part No. - STL8N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8N10LF3 STMICROELECTRONICS-STL8N10LF3 Datasheet
850Kb / 13P
N-channel 100 V, 25 mA typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
17-Jan-2013
More results

Similar Description - STL8N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
High avalanche ruggedness
03-Jul-2015
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
High avalanche ruggedness
22-Sep-2014
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
High avalanche ruggedness
10-Mar-2015
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
High avalanche ruggedness
20-Feb-2015
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
High avalanche ruggedness
February 2015 Rev 3
STP220N6F7 STMICROELECTRONICS-STP220N6F7 Datasheet
561Kb / 13P
High avalanche ruggedness
07-Oct-2015
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
High avalanche ruggedness
09-Dec-2014
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
High avalanche ruggedness
27-Aug-2015
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
High avalanche ruggedness
08-Jan-2014
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
High avalanche ruggedness
July 2009 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com