Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 8Page - Texas Instruments DIX4192 Datasheet HTML 9Page - Texas Instruments DIX4192 Datasheet HTML 10Page - Texas Instruments DIX4192 Datasheet HTML 11Page - Texas Instruments DIX4192 Datasheet HTML 12Page - Texas Instruments DIX4192 Datasheet HTML 13Page - Texas Instruments DIX4192 Datasheet HTML 14Page - Texas Instruments DIX4192 Datasheet HTML 15Page - Texas Instruments DIX4192 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
Audio Serial
Port A
Audio Serial
Port B
Digital
Interface
Receiver (DIR)
Digital
Interface
Transmitter
(DIT)
TX+
TX-
SDINA
SDOUTA
LRCKA
BCKA
SDINB
SDOUTB
LRCKB
BCKB
CPM
CS or A0
CCLK or SCL
CDIN or A1
CDOUT or SDA
INT
RST
Host
Interface
(SPI or I C)
2
and
General-
Purpose
Outputs
Master
Clock
Distribution
MCLK
RXCKI
From RXCKO
GPO1
GPO2
GPO3
GPO4
AESOUT
RXCKO
LOCK
RX2+
RX2-
RX3+
RX3-
RX4+
RX4-
RX1+
RX1-
BLS
SYNC
Control and Status
Registers
DIR C and U
Data Buffers
DIT C and U
Data Buffers
TI Device
Power
VDD18
DGND1
VDD33
DGND2
VIO
DGND3
VCC
AGND
BGND
Internally Tied
to Substrate
Copyright © 2017, Texas Instruments Incorporated
12
DIX4192-Q1
SBFS041A – JULY 2016 – REVISED APRIL 2017
www.ti.com
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 RESET Operation
The DIX4192-Q1 includes an asynchronous active low reset input, RST (pin 24), which may be used to initialize
the internal logic at any time. The reset sequence forces all registers and buffers to their default settings. The
reset low pulse duration must be a minimum of 500 ns in length. The user must not attempt a write or read
operation using either the SPI or I2C port for at least 500 μs after the rising edge of RST. See Figure 6 for the
reset timing sequence of the DIX4192-Q1.
In addition to reset input, the RESET bit in control register 0x01 may be used to force an internal reset, whereby
all registers and buffers are forced to their default settings. Refer to Control Registers for details regarding the
RESET bit function.
Upon reset initialization, all functional blocks of the DIX4192-Q1 default to the power-down state, with the
exception of the SPI or I2C host interface and the corresponding control registers. The user may then program
the DIX4192-Q1 to the desired configuration, and release the desired function blocks from the power-down state
using the corresponding bits in control register 0x01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com