Electronic Components Datasheet Search
  English  ▼

X  

DRV401AIDWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AIDWPR
Description  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV401AIDWPR Datasheet(HTML) 2 Page - Texas Instruments

  DRV401AIDWPR Datasheet HTML 1Page - Texas Instruments DRV401AIDWPR Datasheet HTML 2Page - Texas Instruments DRV401AIDWPR Datasheet HTML 3Page - Texas Instruments DRV401AIDWPR Datasheet HTML 4Page - Texas Instruments DRV401AIDWPR Datasheet HTML 5Page - Texas Instruments DRV401AIDWPR Datasheet HTML 6Page - Texas Instruments DRV401AIDWPR Datasheet HTML 7Page - Texas Instruments DRV401AIDWPR Datasheet HTML 8Page - Texas Instruments DRV401AIDWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
DRV401
SBVS070B − JUNE 2006 − REVISED MAY 2009
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
+7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals:
Voltage(2)
−0.5V to VDD + 0.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Amplifier(3)
−10V to +10V
. . . . . . . . . . . . . . . . . . . . . .
Current at IS1 and IS2
±75mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current (pins other than IS1 and IS2)(2)
±25mA
. . . . . . . . . . . . . .
ICOMP Short Circuit(4)
+250mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
−50
°C to +150°C
. . . . . . . . . . . . .
Storage Temperature
−55
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . .
ESD Rating:
Human Body Model (HBM)
Pins IAIN1 and IAIN2 Only
1kV
. . . . . . . . . . . . . . . . . . . . . . . . . . .
All Other Pins
4kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply
rails must be current limited, except for the differential amplifier
input pins.
(3) These inputs are not internally protected against over voltage.
The differential amplifier input pins must be limited to 5mA, max or
±10V, max.
(4) Power-limited; observe maximum junction temperature.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
PACKAGE
MARKING
DRV401
QFN-20
(5mm x 5mm)
RGW
HAAQ
DRV401
SO-20
DWP
DRV401A
(1) For the most current package and ordering information see the
Package Option Addendum at the end of this document, or see
the TI web site at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com