Electronic Components Datasheet Search
  English  ▼

X  

DRV401AIDWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AIDWPR
Description  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV401AIDWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV401AIDWPR Datasheet HTML 3Page - Texas Instruments DRV401AIDWPR Datasheet HTML 4Page - Texas Instruments DRV401AIDWPR Datasheet HTML 5Page - Texas Instruments DRV401AIDWPR Datasheet HTML 6Page - Texas Instruments DRV401AIDWPR Datasheet HTML 7Page - Texas Instruments DRV401AIDWPR Datasheet HTML 8Page - Texas Instruments DRV401AIDWPR Datasheet HTML 9Page - Texas Instruments DRV401AIDWPR Datasheet HTML 10Page - Texas Instruments DRV401AIDWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
DRV401
SBVS070B − JUNE 2006 − REVISED MAY 2009
www.ti.com
7
TYPICAL CHARACTERISTICS (Continued)
At TA = +25°C and VDD1 = VDD2 = +5V with external 100kHz filter BW, unless otherwise noted.
20
16
12
8
4
0
−4
−8
−12
−16
−20
−25
25
75
−50
0
50
100
125
150
DIFFERENTIAL AMPLIFIER:
OFFSET VOLTAGE vs TEMPERATURE, RTO
Temperature (
_C)
Sample Average
20
15
10
5
0
−5
−10
−15
−20
10
100
1k
10k
100k
1M
10M
DIFFERENTIAL AMPLIFIER:
GAIN vs FREQUENCY
Frequency (Hz)
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
Frequency (Hz)
2M
CMRR
PSRR
DIFFERENTIAL AMPLIFIER:
PSRR AND CMRR vs FREQUENCY
DIFFERENTIAL AMPLIFIER:
OUTPUT VOLTAGE vs OUTPUT CURRENT
5.0
4.9
4.8
4.7
0.3
0.2
0.1
0
012
34
5
678
9
10
Load Current (mA)
−40_C
+85
_C
+125
_C
−40_C
+25
_C
+85
_C
+125
_C
+25
_C
1000
100
10
100
1k
10k
100k
1M
DIFFERENTIAL AMPLIFIER:
OUTPUT NOISE DENSITY
Frequency (Hz)
Autozero Frequency = 69kHz
Sensor Not Running
e
n = 162nV/√ Hz (average over 250Hz to 50kHz)
25
20
15
10
5
0
−5
−10
−15
−20
−25
−25
−50
0
255075
100
125
150
DIFFERENTIAL AMPLIFIER:
SHORT−CIRCUIT CURRENT vs TEMPERATURE
Temperature (
_C)
V
OUT Shortedto0V
V
OUT Shortedto5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com