Electronic Components Datasheet Search
  English  ▼

X  

PC97338 Datasheet(PDF) 168 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 168 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 164Page - National Semiconductor (TI) PC97338 Datasheet HTML 165Page - National Semiconductor (TI) PC97338 Datasheet HTML 166Page - National Semiconductor (TI) PC97338 Datasheet HTML 167Page - National Semiconductor (TI) PC97338 Datasheet HTML 168Page - National Semiconductor (TI) PC97338 Datasheet HTML 169Page - National Semiconductor (TI) PC97338 Datasheet HTML 170Page - National Semiconductor (TI) PC97338 Datasheet HTML 171Page - National Semiconductor (TI) PC97338 Datasheet HTML 172Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 221 page
background image
168
www.national.com
5.16.5 TXFLV – TX_FIFO Level, Read-
Only
This register returns the number of bytes in the
TX_FIFO. It can be used for software debugging, or
during recovery from a transmitter underrun condition
in one of the high-speed infrared modes.
FIGURE 88. Transmit FIFO Level
5.16.6 RXFLV – RX_FIFO Level, Read-
Only
This register returns the number of bytes in the
RX_FIFO. It can be used for software debugging.
FIGURE 88. Receive FIFO Level
Note: The contents of TXFLV and RXFLV are not fro-
zen during CPU reads. Therefore, invalid data could
be returned if the CPU reads these registers during
normal transmitter and receiver operation. To obtain
correct data, the software should perform three con-
secutive reads and then take the data from the sec-
ond read, if first and second read yield the same
result, or from the third read, if first and second read
yield different results.
5.17 BANK 3
TABLE 85. Bank 3 Register Set
5.17.1 MID – Module Identification
Register, Read Only
When read, it returns the module revision.
The returned value is 2Xh.
5.17.2 SH_LCR – Link Control Register
Shadow, Read Only
This register returns the value of the LCR register.
The LCR register is written into when a byte value
with bit 7 set to 0 is written to the LCR/BSR registers
location (at offset 3) from any bank.
5.17.3 SH_FCR – FIFO Control Register
Shadow, Read-Only
This register returns the value written into the FCR
register in bank 0.
5.17.4 LCR/BSR – Link Control/Bank
Select Registers
These registers are the same as in bank 0.
B5–0 TFL [5–0] – Number of bytes in TX_FIFO.
B7–6 Reserved.
Return 0's.
B5–0 RFL [5–0] – Number of bytes in RX_FIFO.
B7–6 Reserved.
Return 0's.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
0
0
TFL2
TFL4
TFL5
Reserved
Reserved
TFL0
TFL1
TFL3
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
0
0
RFL2
RFL4
Reserved
Reserved
RFL0
RFL1
RFL3
RFL5
Address
Offset
Register
Name
Description
00h
MRID
Module Identification Register
01h
SH_LCR
Shadow of LCR Register
(Read Only)
02h
SH_FCR
Shadow of FIFO Control
Register (Read Only)
03h
LCR/
BSR
Link Control Register/
Bank Select Registers
04h-07h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com