Electronic Components Datasheet Search
  English  ▼

X  

PC97338 Datasheet(PDF) 171 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 171 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 167Page - National Semiconductor (TI) PC97338 Datasheet HTML 168Page - National Semiconductor (TI) PC97338 Datasheet HTML 169Page - National Semiconductor (TI) PC97338 Datasheet HTML 170Page - National Semiconductor (TI) PC97338 Datasheet HTML 171Page - National Semiconductor (TI) PC97338 Datasheet HTML 172Page - National Semiconductor (TI) PC97338 Datasheet HTML 173Page - National Semiconductor (TI) PC97338 Datasheet HTML 174Page - National Semiconductor (TI) PC97338 Datasheet HTML 175Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 221 page
background image
171
www.national.com
When a pipeline operation takes place, the following
occurs:
1. If the target mode is MIR or FIR, the transmitter is
halted for 250 s.
2. If the target mode is SIR, the transmitter is halted
for 250
µs or a character time (at the newly select-
ed baud rate), whichever is greater.
3. Bits 7, 6, 5 and 2 will be loaded into the corre-
sponding bit positions in the MCR register in bank
0, bit 3 will be loaded into bit position 3 of EXCR1.
Upon reset, all bits are set to 0.
FIGURE 88. Pipelined Mode Register
5.19.3 LCR/BSR – Link Control/Bank
Select Registers
These registers are the same as in bank 0.
5.19.4 IRCR2 – Infrared Control
Register 2
Upon reset, the content of this register is 02h.
FIGURE 88. IInfrared Control Register 2
B0
MD_PEN – Mode Bits Pipelining Enable.
When this bit is set to 1 and the transmitter be-
comes empty, a pipeline load operation takes
place.
This bit is automatically cleared after the load
has occurred.
B1
BR_PEN – Baud Rate Pipelining Enable.
This bit is effective only when the MDPEN bit is
set to 1.
When it is set to 1 and a pipeline load operation
takes place, the PBGD register will be loaded
into the baud generator divisor register.
B2
P_DMA_EN – Pipelined DMA Enable Bit
B3
P_DMASWP – Pipelined DMA Swap Bit
B4
Reserved.
Write 0.
B7–5 P_MDSL [2–0] – Pipelined Mode Select Bits
7
654
321
0
Reset
Required
0
0
0
0
0
0
0
0
P_DMA_EN
Reserved
P_MDSL0
P_MDSL1
P_MDSL2
MD_PEN
P_DMASWP
BR_PEN
B0 IR_FDPLX – Infrared Full Duplex Mode.
When set to 1, the infrared receiver is not masked
during transmission.
B1 IRMSSL – MSR Register Function Select in In-
frared Mode.
This bit selects the behavior of the modem status
register/interrupt when any infrared mode is se-
lected. When UART mode is selected, the mo-
dem
status
register
and
interrupt
function
normally, and this bit is ignored.
0
→ MSR register and modem status interrupt
work as in UART mode.
1
→ MSR register returns 30h and the modem
status interrupt is disabled.
B2 MDRS – MIR Data Rate Select.
This bit determines the data rate in MIR mode.
0
→ 1.152 Mbps
1
→ 0.576 Mbps
B3 TX_MS – Transmitter Mode Select.
This bit is used in MIR and FIR modes only. When
it is set to 1, transmitter frame-end stop mode is
selected. In this case the transmitter stops after
transmission of a frame is complete, if the end-of-
frame condition was generated by the TFRCC
counter reaching 0. The transmitter can be re-
started by clearing the TXHFE bit in the ASCR
register.
B4 AUX_IRRX – Auxiliary Infrared Input Select.
When set to 1, the infrared signal is received from
the auxiliary input. See Table 97.
B5 FEND_MD – Frame End Control.
This bit selects whether a terminal-count condi-
tion from the
TFRCC register will generate an EOF in PIO
mode or DMA mode.
0
→ TFRCC terminal count effective in PIO
mode.
76
54
321
0
Reset
Required
0
1
0
0
0
0
0
0
0
MDRS
AUX_IRRX
FEND_MD
SFTSL
Reserved
IR_FDPLX
IRMSSL
TX_MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com