Electronic Components Datasheet Search
  English  ▼

X  

PC97338 Datasheet(PDF) 194 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338 Datasheet(HTML) 194 Page - National Semiconductor (TI)

Back Button PC97338 Datasheet HTML 190Page - National Semiconductor (TI) PC97338 Datasheet HTML 191Page - National Semiconductor (TI) PC97338 Datasheet HTML 192Page - National Semiconductor (TI) PC97338 Datasheet HTML 193Page - National Semiconductor (TI) PC97338 Datasheet HTML 194Page - National Semiconductor (TI) PC97338 Datasheet HTML 195Page - National Semiconductor (TI) PC97338 Datasheet HTML 196Page - National Semiconductor (TI) PC97338 Datasheet HTML 197Page - National Semiconductor (TI) PC97338 Datasheet HTML 198Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 221 page
background image
194
www.national.com
7.0 Power Management
The chip places special emphasis on power manage-
ment. Power management is implemented in the two
major states of the chip: Power-Down and Power-Up.
7.1
POWER-DOWN STATE
Power-down can be divided into two major groups:
Group 1:
Full power-down - the entire chip is powered-
down/disabled.
Group 2:
Specific function power-down - specific SuperI/O
modules (FDC, SCC1, SCC2, ECP, Parallel Port)
are powered-down/disabled.
All power-down modes are enhanced by a new fea-
ture which allows TRI-STATE of the output pins asso-
ciated with a specific function (FDC, SCC1, SCC2,
Parallel Port), and reduces current leakage by block-
ing their inputs.
Four modules in the chip are operated by the internal
clock - FDC, SCC1, SCC2 and ECP. These modules
can be powered-down/disabled by stopping their as-
sociated internal clocks. In addition, all four modules
can be powered-down/disabled by stopping the exter-
nal crystal oscillator.
Modules which do not use a clock; e.g., Parallel Port
(SPP/EPP), can be powered-down/disabled by sim-
ply blocking access to them.
All the above power-down modes can be achieved
using the power-down methods from Group 1 or
Group 2, as described below.
7.1.1
Recommended Power-Down
Methods - Group 1
Use the power-down methods in Group 1 to place the
chip in following modes:
Mode 1
The entire chip is powered-down, the oscillator is
stopped, pins are TRI-STATE, and the inputs are
blocked.
In this mode the maximum current saving can be
achieved.
Mode 2
The entire chip is powered-down and the oscillator
is stopped. Pins are driven.
There are five ways to reach the above two operating
modes. See Table 106.
TABLE 106. Group 1 Power-Down
Notes:
1. The chip can also be placed in Mode 2 by using method #5, and entering FDC Low Power by executing Mode
Command or by setting bit 6 of DSR to high.
2. The Current Consumption values are measured under the following conditions:
— No load on output signals
— Input signals are stable
Method
PTR bit
0
FER bits
3210
PCR bit
2
PMC bits
621
SCF0 bit
3
Mode
Typical Current
Consumption (5v
VCC)
1
1
xxxx
x
111
1
#1
600
µA
2
x
0000
0
111
1
3
1
xxxx
x
000
0
#2
1.5 mA
4
x
0000
0
000
0
5
x
1xxx
x
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com