Electronic Components Datasheet Search
  English  ▼

X  

A6984TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # A6984TR
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button A6984TR Datasheet HTML 5Page - STMicroelectronics A6984TR Datasheet HTML 6Page - STMicroelectronics A6984TR Datasheet HTML 7Page - STMicroelectronics A6984TR Datasheet HTML 8Page - STMicroelectronics A6984TR Datasheet HTML 9Page - STMicroelectronics A6984TR Datasheet HTML 10Page - STMicroelectronics A6984TR Datasheet HTML 11Page - STMicroelectronics A6984TR Datasheet HTML 12Page - STMicroelectronics A6984TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
DocID030396 Rev 1
9/47
A6984
Electrical characteristics
47
Thermal shutdown
TSHDWN
Thermal shutdown temperature -
(3)
-
150
-
C
THYS
Thermal shutdown hysteresis
-
(3)
-20
-
C
1.
Parameter tested in static condition during testing phase. Parameter value may change over dynamic application condition.
2.
LCM enables SLEEP mode (part of the internal circuitry is disabled) at light load.
3.
Not tested in production.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com