Electronic Components Datasheet Search
  English  ▼

X  

A6984TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # A6984TR
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984TR Datasheet(HTML) 4 Page - STMicroelectronics

  A6984TR Datasheet HTML 1Page - STMicroelectronics A6984TR Datasheet HTML 2Page - STMicroelectronics A6984TR Datasheet HTML 3Page - STMicroelectronics A6984TR Datasheet HTML 4Page - STMicroelectronics A6984TR Datasheet HTML 5Page - STMicroelectronics A6984TR Datasheet HTML 6Page - STMicroelectronics A6984TR Datasheet HTML 7Page - STMicroelectronics A6984TR Datasheet HTML 8Page - STMicroelectronics A6984TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Pin settings
A6984
4/47
DocID030396 Rev 1
1
Pin settings
1.1
Pin connection
Figure 2. Pin connection (top view)
1.2
Pin description
Table 1. Pin description
No.
Pin
Description
1
PGOOD
The open collector output is driven low when the FB voltage is below the VPGD L threshold
(see Table 5).
2
FB
Inverting input of the error amplifier
3
TON
A resistor connected between this pin and VIN sets the switching frequency.
4
EN
Enable pin. A logical active high signal enables the device. Connect this pin to VIN if not used.
5
GND
Power GND
6
LX
Switching node
7
VIN
DC input voltage
8VCC
Embedded regulator output that supplies the main switching controller.
Connect an external 1
F capacitor for proper operation.
An integrated LDO regulates VCC = 3.3 V if VBIAS voltage is < 2.4 V.
VCC is connected to VBIAS through a MOSFET switch if VBIAS > 3.2 V and the embedded
LDO is disabled to increase the light load efficiency.
9
VBIAS
Typically connected to the regulated output voltage. An external voltage reference can be
used to supply the analog circuitry to increase the efficiency at light load. Connect to GND if
not used.
10
LNM
Connect to VCC for low noise mode (LNM) / to GND for low consumption mode (LCM)
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com