Electronic Components Datasheet Search
  English  ▼

X  

STGF100N30 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGF100N30
Description  90 A - 330 V - fast IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF100N30 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGF100N30 Datasheet HTML 2Page - STMicroelectronics STGF100N30 Datasheet HTML 3Page - STMicroelectronics STGF100N30 Datasheet HTML 4Page - STMicroelectronics STGF100N30 Datasheet HTML 5Page - STMicroelectronics STGF100N30 Datasheet HTML 6Page - STMicroelectronics STGF100N30 Datasheet HTML 7Page - STMicroelectronics STGF100N30 Datasheet HTML 8Page - STMicroelectronics STGF100N30 Datasheet HTML 9Page - STMicroelectronics STGF100N30 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STGF100N30, STGP100N30, STGW100N30
6/13
Figure 8.
Normalized gate threshold voltage
vs. temperature
Figure 9.
Collector-emitter on voltage vs.
collector current
Figure 10. Normalized breakdown voltage vs.
temperature
Figure 11. Turn-off SOA
VGE(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
1.10
50
100
AM03226v1
VCE(sat)
2.5
2.0
1.5
1.0
0
100
IC(A)
(V)
50
150
3.0
TJ=125°C
TJ=25°C
TJ=-50°C
3.5
AM03227v1
V(BR)CES
-50
0
TJ(°C)
(norm)
50
100
0.9
0.95
1.00
1.05
1.1
AM03229v1
IC
100
10
1
0.1
0.1
1
100
VCE(V)
10
(A)
AM03225v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com