Electronic Components Datasheet Search
  English  ▼

X  

STGF100N30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGF100N30
Description  90 A - 330 V - fast IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF100N30 Datasheet(HTML) 1 Page - STMicroelectronics

  STGF100N30 Datasheet HTML 1Page - STMicroelectronics STGF100N30 Datasheet HTML 2Page - STMicroelectronics STGF100N30 Datasheet HTML 3Page - STMicroelectronics STGF100N30 Datasheet HTML 4Page - STMicroelectronics STGF100N30 Datasheet HTML 5Page - STMicroelectronics STGF100N30 Datasheet HTML 6Page - STMicroelectronics STGF100N30 Datasheet HTML 7Page - STMicroelectronics STGF100N30 Datasheet HTML 8Page - STMicroelectronics STGF100N30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
February 2009
Rev 1
1/13
13
STGF100N30
STGP100N30, STGW100N30
90 A - 330 V - fast IGBT
Features
■ Optimized for sustain and energy recovery
circuits in PDP applications.
■ State-of-the-art STripFET™ technology
■ Peak collector current IRP = 330 A @
TC = 25 °C (see Table 2)
■ Very low-on voltage drop (VCE(sat)) and energy
per pulse for improved panel efficiency
■ High repetitive peak current capability
Description
Advanced high-density and high-current IGBT
technology with low-drop companion diode
adapted to various functions in PDP sets.
Figure 1.
Internal schematic diagram
TO-247
1
2
3
1
2
3
1
2
3
TO-220FP
TO-220
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGF100N30
GF100N30
TO-220FP
Tube
STGP100N30
GP100N30
TO-220
Tube
STGW100N30
GW100N30
TO-247
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STGF100N30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF10H60DF STMICROELECTRONICS-STGF10H60DF Datasheet
1Mb / 24P
Trench gate field-stop IGBT, H series 600 V, 10 A high speed
31-Oct-2013
STGF10HF60KD STMICROELECTRONICS-STGF10HF60KD Datasheet
477Kb / 13P
10 A - 600 V - short-circuit rugged IGBT
23-Feb-2012
STGF10HF60KD STMICROELECTRONICS-STGF10HF60KD Datasheet
477Kb / 13P
10 A - 600 V - short-circuit rugged IGBT
23-Feb-2012
STGF10M65DF2 STMICROELECTRONICS-STGF10M65DF2 Datasheet
989Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in TO-220FP package
April 2017
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD Datasheet
325Kb / 8P
N-CHANNEL 10A - 600V TO-220FP PowerMESH IGBT
Jun-2003
More results

Similar Description - STGF100N30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
40 A - 600 V - ultra fast IGBT
01-Feb-2008
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
30 A - 600 V - very fast IGBT
14-May-2008
STGW33IH120D STMICROELECTRONICS-STGW33IH120D Datasheet
530Kb / 14P
30 A - 1200 V - very fast IGBT
12-Mar-2008
logo
Fairchild Semiconductor
FGA180N33ATD FAIRCHILD-FGA180N33ATD_13 Datasheet
655Kb / 9P
330 V PDP Trench IGBT
logo
STMicroelectronics
STGP30NC60S STMICROELECTRONICS-STGP30NC60S Datasheet
497Kb / 15P
30 A, 600 V, fast IGBT
11-Nov-2010
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
20 A, 600 V fast IGBT
08-Nov-2010
STGD10NC60S STMICROELECTRONICS-STGD10NC60S Datasheet
1Mb / 18P
10 A, 600 V fast IGBT
17-Dec-2010
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
10 A, 600 V fast IGBT
14-Jun-2010
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
40 A, 600 V ultra fast IGBT
11-Nov-2008
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
7 A, 1200 V very fast IGBT
27-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com