Electronic Components Datasheet Search
  English  ▼

X  

SP350 Datasheet(PDF) 2 Page - NEC

Part # SP350
Description  Soft client for Laptops & PCs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SP350 Datasheet(HTML) 2 Page - NEC

  SP350 Datasheet HTML 1Page - NEC SP350 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information, visit au.nec.com, email contactus@nec.com.au or call 131 632
About NEC Australia. NEC Australia is a leading technology company, delivering a complete portfolio of ICT solutions and services to large enter prise, small business and
government organisations. We deliver innovative solutions to help customers gain greater business value from their technology investments.
NEC Australia specialises in information and communications technology solutions and services in multi-vendor environments. Solutions and services include: IT applications and
solutions development, unified communications, complex communications solutions, network solutions, display solutions, identity management, research and development
services, systems integration and professional, technical and managed services.
UNIVERGE SP350DataSheet | v.20170321
NEC Australia Pty Ltd reserves the right to change product specifications, functions, or features, at any time, without notice. Please refer to your local NEC representatives for further details. Although all efforts
have been made to ensure that the contents are correct, NEC shall not be liable for any direct, indirect, consequential or incidental damages resulting from the use of the equipment, manual or any related
materials. The information contained herein is the property of NEC Australia Pty Ltd and shall not be reproduced without prior written approval from NEC Australia Pty Ltd.
Copyright © 2017 NEC Australia Pty Ltd. All rights reserved. NEC, NEC logo, and UNIVERGE are trademarks or registered trademarks of NEC Corporation that may be registered in Japan and other jurisdictions.
All other trademarks are the property of their respective owners. All rights reserved. Printed in Australia. Note: This disclaimer also applies to all related documents previously published.
Australia
NEC Australia Pty Ltd
au.nec.com
Corporate Headquarters (Japan)
NEC Corporation
www.nec.com
North America (USA)
NEC Corporation of America
www.necam.com
Asia Pacific (AP)
NEC Asia Pacific
www.nec.com.sg
Europe (EMEA)
NEC Enterprise Solutions
www.nec-enterprise.com
Work anywhere
Technical Specifications
Client
CPU
Intel based 1GHz+
Memory
1GB+ (32 bit)
2GB+ (64 bit)
HDD
150MB+
Operating System
Windows 10 (32/64 bit)
Windows 8 / 8.1 (32/64 bit)
Windows 7 (32 bit)
Windows Vista (32 bit)
Windows XP SP3 or Windows
2000 SP4
Direct X 8.1 or later
PBX
PBX
IP Enabled PBX
SV9300 / SV8300
SV9500 / SV8500
Licensing
UC Plus User
Two different themes
Toolbar mode
Multi-party conferencing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com