Electronic Components Datasheet Search
  English  ▼

X  

SP350 Datasheet(PDF) 1 Page - NEC

Part # SP350
Description  Soft client for Laptops & PCs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SP350 Datasheet(HTML) 1 Page - NEC

  SP350 Datasheet HTML 1Page - NEC SP350 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data sheet
Empowering the Smart mobile worker
Take advantage of a multimedia IP network in the office or on the road with UNIVERGE Soft Client SP350.
Employees need the flexibility to work from anywhere and having a fully featured softphone on their laptop will
allow them to work in the office, at home or while travelling.
This convenient mobility tool lets you share, in real-time, information and ideas from your PC or Laptop with high
quality video, audio, text and application features. SP350 saves time, improves productivity and reduces your total
cost of ownership.
The SP350 offers:
> Simple and easy to use intuitive graphical user interface means SP350 is easy to use, but also delivers the
telephony capabilities you expect from an NEC phone.
> Hold multi-party video conferences with up to 8 parties.
> Send Instant messages to individuals or groups. You can place a phone call or send a reply mail right after
receiving a message.
> Search “Phone book”, “Contacts”, and “Call history”. SP350 can be integrated to your corporate directory
for always up-to-date information.
> Sharing your screen and applications with others allows you to make speedy, informed decisions.
> Transfer files with a “drag and drop” operation during a meeting. No need to send files via a separate
email.
UNIVERGE®
SP350
Soft client for Laptops & PCs
au.nec.com


Similar Part No. - SP350

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP35001 SIPAT-SP35001 Datasheet
160Kb / 4P
350MHz Low-loss SAW Filter 45MHz Bandwidth
SP35001 SIPAT-SP35001 Datasheet
165Kb / 4P
350MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Sipex Corporation
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Sipex Corporation
SP3508CF SIPEX-SP3508CF Datasheet
580Kb / 13P
Evaluation Board Manual
More results

Similar Description - SP350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDDC24-24P-NM ETC2-HDDC24-24P-NM Datasheet
1Mb / 12P
Client Side Antennas
logo
Tripp Lite. All Rights ...
URM15T TRIPPLITE-URM15T Datasheet
496Kb / 2P
Multimedia Remote for PCs and Laptops
logo
FSP TECHNOLOGY INC.
FSP100-RAA FSP-FSP100-RAA Datasheet
76Kb / 1P
AIO systems, PC systems, laptops
logo
Tripp Lite. All Rights ...
URM-15T TRIPPLITE-URM-15T Datasheet
494Kb / 2P
Multimedia Remote for PCs and Laptops
logo
Level One
GEP-2651 LVL1-GEP-2651 Datasheet
418Kb / 5P
DHCP Client/Server
GEP-2682 LVL1-GEP-2682 Datasheet
414Kb / 5P
DHCP Client/Server
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
Thin Client Terminals
logo
Tripp Lite. All Rights ...
AWC-002 TRIPPLITE-AWC-002 Datasheet
175Kb / 3P
USB Webcam with Microphone for Laptops and Desktop PCs, HD 1080p, Lens Privacy Cover
logo
Toshiba Semiconductor
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
CLIENT SSD
MQ01ABDXXX TOSHIBA-MQ01ABDXXX Datasheet
529Kb / 2P
CLIENT MOBILE HDD
Rev. 01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com