Electronic Components Datasheet Search
  English  ▼

X  

STGW40H120DF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGW40H120DF2
Description  Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40H120DF2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGW40H120DF2 Datasheet HTML 1Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 2Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 3Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 4Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 5Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 6Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 7Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 8Page - STMicroelectronics STGW40H120DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
June 2016
DocID023753 Rev 5
1/17
This is information on a product in full production.
www.st.com
STGW40H120DF2,
STGWA40H120DF2
Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Maximum junction temperature: TJ = 175 °C
High speed switching series
Minimized tail current
VCE(sat) = 2.1 V (typ.) @ IC = 40 A
5 μs minimum short circuit withstand time at
TJ=150 °C
Safe paralleling
Very fast recovery antiparallel diode
Low thermal resistance
Applications
Uninterruptible power supply
Welding machines
Photovoltaic inverters
Power factor correction
High frequency converters
Description
These devices are IGBTs developed using an
advanced proprietary trench gate field-stop
structure. These devices are part of the H series
of IGBTs, which represents an optimum
compromise between conduction and switching
losses to maximize the efficiency of high
switching frequency converters. Furthermore, a
slightly positive VCE(sat) temperature coefficient
and very tight parameter distribution result in
safer paralleling operation.
Table 1: Device summary
Order code
Marking
Package
Packaging
STGW40H120DF2
G40H120DF2
TO-247
Tube
STGWA40H120DF2
G40H120DF2
TO-247 long leads
Tube


Similar Part No. - STGW40H120DF2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STGW40H120DF2 ISC-STGW40H120DF2 Datasheet
358Kb / 3P
Trench gate Field-Stop IGBT
2023-10-16
More results

Similar Description - STGW40H120DF2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
1200 V, 40 A Field Stop Trench IGBT
logo
STMicroelectronics
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
Trench gate field-stop IGBT, H series 600 V, 7 A high speed
05-Jun-2015
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
01-Apr-2015
STGW25H120DF2 STMICROELECTRONICS-STGW25H120DF2 Datasheet
737Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
06-Mar-2015
STGW25H120F2 STMICROELECTRONICS-STGW25H120F2 Datasheet
957Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
23-Mar-2015
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
25-Mar-2015
logo
ON Semiconductor
FGH40T120SMD ONSEMI-FGH40T120SMD Datasheet
524Kb / 10P
IGBT - Field Stop, Trench 1200 V, 40 A
July, 2021 ??Rev. 5
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
STMicroelectronics
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
Trench gate field-stop IGBT, H series 600 V, 15 A high speed
10-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com