Electronic Components Datasheet Search
  English  ▼

X  

STGWA40H120DF2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGWA40H120DF2
Description  Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA40H120DF2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGWA40H120DF2 Datasheet HTML 3Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 4Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 5Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 6Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 7Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 8Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 9Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 10Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STGW40H120DF2, STGWA40H120DF2
Electrical characteristics
DocID023753 Rev 5
7/17
Figure 8: Collector current vs. switching
frequency
Figure 9: Forward bias safe operating area
Figure 10: Transfer characteristics
Figure 11: Diode VF vs. forward current
Figure 12: Normalized VGE(th) vs. junction
temperature
Figure 13: Normalized V(BR)CES vs. junction
temperature
0
20
40
60
80
1
10
Ic [A]
f [kHz]
G
Ω
rectangular current shape,
(duty cycle=0.5, V
CC = 600V, R =10
,
V
GE = 0/15 V, TJ =175°C)
Tc=80° C
Tc=100 °C
100
120
GIPG130320141328FSR
IC
10
1
0.1
1
VCE(V)
(A)
10
10 µs
100 µs
1 ms
Single pulse
Tc= 25°C, TJ<= 175°C
VGE= 15V
100
100
1000
1 µs
GIPG130320141339FSR
TJ=175°C
TJ=25°C
7
VGE(V)
11
9
IC
60
40
20
0
5
(A)
80
100
120
140
VCE=10V
GIPG130320141348FSR
VGE(th)
1.1
1.0
0.6
-50
TJ(°C)
(norm)
0
50
100
150
IC= 2mA
VCE= VGE
0.7
0.8
0.9
GIPG130320141400FSR
V(BR)CES
0.98
0.94
0.9
-50
TJ(°C)
(norm)
0
50
100
150
IC= 2mA
1.06
1.02
GIPG130320141405FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com