Electronic Components Datasheet Search
  English  ▼

X  

STGWA40H120DF2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGWA40H120DF2
Description  Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA40H120DF2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGWA40H120DF2 Datasheet HTML 4Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 5Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 6Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 7Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 8Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 9Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 10Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 11Page - STMicroelectronics STGWA40H120DF2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
STGW40H120DF2, STGWA40H120DF2
8/17
DocID023753 Rev 5
Figure 14: Capacitance variations
Figure 15: Gate charge vs. gate-emitter
voltage
Figure 16: Switching energy vs. collector
current
Figure 17: Switching energy vs. gate
resistance
Figure 18: Switching energy vs. temperature
Figure 19: Switching energy vs. collector
emitter voltage
Cies
f=1 MHz,VGE=0V
Coes
Cres
C
10
VCE(V)
(pF)
0.1
1
10
100
1000
100
GIPG190320151507 RV
V
CC
I
C
40A
I
G
1mA
6
3
0
0
Qg(nC)
30
60
90
15
9
VGE
(V)
120
150
12
GIPG200320151700 RV
E
0
IC(A)
(µJ)
0
20
40
1000
60
80
2000
EON
3000
VCC = 600V, VGE = 15V,
RG
= 10Ω, TJ = 175°C
EOFF
4000
5000
GIPG130320141432FSR
E
0
RG
(Ω)
(µJ)
0
10
20
500
1000
1500
30
40
2000
EOFF
VCC = 600 V, VGE = 15 V,
IC = 40 A, TJ = 175 °C
EON
2500
3000
3500
4000
GIPG130320141439FSR
E
900
TJ(°C)
(µJ)
0
50
1100
1300
1500
100
150
EOFF
VCC= 600V, VGE= 15V,
RG
= 10Ω, IC= 40A
EON
1700
1900
2100
2300
2500
GIPG130320141450FSR
E
200
VCE(V)
(µJ)
200
600
800
1400
2000
EOFF
TJ= 175°C, VGE= 15V,
RG
= 10Ω, IC= 40A
2600
3200
EON
400
800
GIPG130320141459FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com