Electronic Components Datasheet Search
  English  ▼

X  

STGW60V60F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGW60V60F
Description  Low thermal resistance
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60V60F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGW60V60F Datasheet HTML 4Page - STMicroelectronics STGW60V60F Datasheet HTML 5Page - STMicroelectronics STGW60V60F Datasheet HTML 6Page - STMicroelectronics STGW60V60F Datasheet HTML 7Page - STMicroelectronics STGW60V60F Datasheet HTML 8Page - STMicroelectronics STGW60V60F Datasheet HTML 9Page - STMicroelectronics STGW60V60F Datasheet HTML 10Page - STMicroelectronics STGW60V60F Datasheet HTML 11Page - STMicroelectronics STGW60V60F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical characteristics
STGW60V60F
8/14
DocID024701 Rev 2
Figure 14. Switching losses vs. collector
current
Figure 15. Switching losses vs. gate resistance
Figure 16. Switching losses vs. junction
temperature
Figure 17. Switching losses vs. collector
emitter voltage
AM17153v1
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
1020304050607080 90 100 110120
E (μJ)
Ic (A)
E
ON
E
OFF
V
CC 400V, VGE= 15V,
Rg=4.7Ω, TJ = 175°C
AM17154v1
500
1000
1500
2000
2500
3000
3500
4000
4500
010
20
30
40
E (μJ)
RG (Ω)
EON
EOFF
V
CC=400V, VGE = 15V,
I
C = 60 A, TJ = 175 °C
AM17155v1
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
25
50
75
100
125
150
E (μJ)
TJ (ºC)
E
ON
E
OFF
V
CC =400V, VGE = 15V,
I
C = 60 A, Rg = 4.7 Ω
AM17156v1
400
600
800
1000
1200
1400
1600
1800
2000
150
200
250
300
350
400
450
E (μJ)
Vce (V)
EON
E
OFF
V
GE = 15V, TJ = 175°C
I
C = 60 A, Rg = 4.7 Ω
Figure 18. Switching times vs. collector current Figure 19. Switching times vs. gate resistance
AM17157v1
10
100
020
40
60
80
100
(ns)
Ic (A)
tf
tdoff
VCC = 400V, VGE = 15V,
Tj =175°C, Rg = 4.7 Ω
tr
tdon
AM17159v1
10
100
1000
010
20
30
40
(ns)
Rg (Ω)
t
f
t
doff
VCC= 400V, VGE = 15V,
Tj =175°C Ic = 60 A
t
r
t
don



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com