Electronic Components Datasheet Search
  English  ▼

X  

SST200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SST200
Description  N-Channel JFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST200 Datasheet(HTML) 1 Page - Vishay Siliconix

  SST200 Datasheet HTML 1Page - Vishay Siliconix SST200 Datasheet HTML 2Page - Vishay Siliconix SST200 Datasheet HTML 3Page - Vishay Siliconix SST200 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SST200/200A
Vishay Siliconix
New Product
Document Number: 70976
S-20517—Rev. D, 15-Apr-02
www.vishay.com
6-1
N-Channel JFETs
PRODUCT SUMMARY
VGS(off) (V)
V(BR)GSS Min (V)
gfS Min (mS)
IDSS Min (mA)
–0.3 to –0.9
–25
0.25
0.7
FEATURES
BENEFITS
APPLICATIONS
D Low Cutoff Voltage: <0.9 V
D High Input Impedance
D Very Low Noise
D High Gain: AV = 80 @ 20 mA
D High Quality Low-Level Signal
Amplification
D Low Signal Loss/System Error
D High System Sensitivity
D Mini-Microphones
D Hearing Aids
D High-Gain, Low-Noise Amplifiers
D Low-Current, Low-Voltage
Battery-Powered Amplifiers
D Ultra High Input Impedance
Pre-Amplifiers
DESCRIPTION
The SST200/200A features low leakage, very low noise and
low cutoff voltage for use with low-level power supplies. The
SST200/200A is excellent for battery powered equipment and
low current amplifiers such as mini-microphones.
The TO-236 (SOT-23) and SOT-323 (SC-70 3-leads)
packages, provide surface-mount capability and is available in
tape-and-reel for automated assembly.
For applications information see AN102 and AN106.
D
S
G
TO-236
(SOT-23)
2
3
1
Top View
SST200 (P0)*
*Marking Code for TO-236
D
S
G
2
3
1
Top View
SST200A (C)*
*Marking Code for SOT-323
SOT-323
(SC-70 3-LEADS)


Similar Part No. - SST200

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SST20 SMCDIODE-SST20 Datasheet
299Kb / 6P
20A TRIACs
Rev.-
logo
Calogic, LLC
SST201 CALOGIC-SST201 Datasheet
20Kb / 1P
N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
SST201 LINEAR-SST201 Datasheet
203Kb / 2P
HIGH GAIN N-CHANNEL JFET
logo
Vishay Siliconix
SST201 VISHAY-SST201 Datasheet
71Kb / 5P
N-Channel JFETs
15-Mar-04
SST201 VISHAY-SST201 Datasheet
83Kb / 6P
N-Channel JFETs
15-Mar-04
More results

Similar Description - SST200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
2N5432 VISHAY-2N5432_07 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
2N4391 VISHAY-2N4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com