Electronic Components Datasheet Search
  English  ▼

X  

SST200 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SST200
Description  N-Channel JFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST200 Datasheet(HTML) 4 Page - Vishay Siliconix

  SST200 Datasheet HTML 1Page - Vishay Siliconix SST200 Datasheet HTML 2Page - Vishay Siliconix SST200 Datasheet HTML 3Page - Vishay Siliconix SST200 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SST200/200A
Vishay Siliconix
New Product
www.vishay.com
6-4
Document Number: 70976
S-20517—Rev. D, 15-Apr-02
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
0.1
1
0.01
0.01
0.1
1
200
160
120
80
40
0
2000
1600
1200
800
400
0
ID – Drain Current (mA)
Circuit Voltage Gain vs. Drain Current
On-Resistance vs. Drain Current
ID – Drain Current (mA)
VGS(off) = –0.7 V
–1.5 V
VGS(off) = –0.7 V
–1.5 V
A
V +
g
fs RL
1
) R
Lgos
Assume VDD = 15 V, VDS = 5 V
R
L +
10 V
I
D
Common-Source Input Capacitance
vs. Gate-Source Voltage
10
0
–12
–16
–20
–8
–4
8
6
4
2
0
5
0
–12
–20
–16
–8
–4
4
3
2
1
0
Common-Source Reverse Feedback Capacitance
vs. Gate-Source Voltage
VGS – Gate-Source Voltage (V)
VDS = 0 V
10 V
f = 1 MHz
VGS – Gate-Source Voltage (V)
VDS = 0 V
10 V
f = 1 MHz
10
100
1 k
100 k
10 k
20
16
12
8
4
0
Equivalent Input Noise Voltage vs. Frequency
f – Frequency (Hz)
VDS = 10 V
ID @ 100
mA
VGS = 0 V
Output Characteristics
300
0
0.5
240
180
120
60
0
VDS – Drain-Source Voltage (V)
0.1
0.2
0.3
0.4
VGS(off) = –0.7 V
VGS = 0 V
–0.1
–0.2
–0.3
–0.4
–0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com